Electronic Components Datasheet Search
  English  ▼

X  

VTK-02002 Datasheet(PDF) 3 Page - Premier Magnetics, Inc.

Part # VTK-02002
Description  SENDUST TOROIDAL POWER INDUCTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMI [Premier Magnetics, Inc.]
Direct Link  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

VTK-02002 Datasheet(HTML) 3 Page - Premier Magnetics, Inc.

  VTK-02002 Datasheet HTML 1Page - Premier Magnetics, Inc. VTK-02002 Datasheet HTML 2Page - Premier Magnetics, Inc. VTK-02002 Datasheet HTML 3Page - Premier Magnetics, Inc. VTK-02002 Datasheet HTML 4Page - Premier Magnetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630
• TEL: (949) 452-0511 • FAX: (949) 452-0512 • http://www.premiermag.com
Specifications subject to change without notice.
3
PM-DCXXXXX 9/2000
SENDUST
TOROIDAL
POWER INDUCTORS
ELECTRICAL SPECIFICATIONS AT 25OC - OPERATING TEMPERTURE RANGE -55OC TO +105OC
FEATURES
* Sendust Powdered Iron Toroidal Construction.
* Optimized For Use as High Frequency DC Chokes.
* Low core loss
* Low Cost Self Lead Construction.
XTK-00020
10
12.5
6.5
30
0.007
.95
.55
.46
.88
.053
XTK-00021
12
12.0
8.0
30
0.008
.95
.55
.46
.88
.053
XTK-00022
15
11.2
9.5
30
0.008
.95
.55
.46
.88
.053
XTK-00023
18
10.8
11.2
30
0.009
.95
.55
.46
.88
.053
XTK-00024
22
10.3
13.5
30
0.010
.95
.55
.46
.88
.053
XTK-00025
27
9.8
16.0
30
0.011
.95
.55
.46
.88
.053
XTK-00026
33
7.4
21.5
30
0.020
.95
.55
.45
.87
.042
XTK-00027
39
7.1
25.0
30
0.022
.95
.55
.45
.87
.042
XTK-00028
47
6.7
29.0
30
0.024
.95
.55
.45
.87
.042
XTK-00029
56
6.4
34.0
30
0.026
.95
.55
.45
.87
.042
XTK-00030
68
4.9
45.5
30
0.046
.95
.55
.44
.86
.034
XTK-00031
100
4.4
64.0
30
0.056
.95
.55
.44
.86
.034
XTK-00032
120
3.3
84.0
30
0.100
.95
.55
.44
.86
.027
XTK-00033
150
3.1
102.0
30
0.110
.95
.55
.44
.86
.027
XTK-00034
180
3.8
106.0
30
0.075
.95
.55
.48
.90
.034
XTK-00035
220
3.6
125.0
30
0.085
.95
.55
.48
.90
.034
XTK-00036
270
3.4
150.0
30
0.095
.95
.55
.48
.90
.034
XTK-00037
330
3.3
176.0
30
0.100
.95
.55
.48
.90
.034
XTK-00038
390
2.5
235.0
30
0.180
.95
.55
.46
.88
.027
XTK-00039
470
2.3
276.0
30
0.190
.95
.55
.46
.88
.027
XTK-00040
560
2.2
320.0
30
0.210
.95
.55
.46
.88
.027
XTK-00041
680
2.1
375.0
30
0.230
.95
.55
.49
.91
.027
XTK-00042
820
2.0
440.0
30
0.260
.95
.55
.49
.91
.027
XTK-00043
1000
1.9
520.0
30
0.280
.95
.55
.49
.91
.027
NOTES:
Ln = Nominal Ind. @ 0.0Adc
L1 = Nominal Ind. @ I1 Adc, T1 Temp Rise
Ln & L1 = +/-15%
PART
NUMBER
Ln
(
µµµµµH)
DCR
(Ohm)
I1
(dc A)
L1
(
µµµµµH)
T1
(OC)
REF. DIMENSIONS IN INCHES
A
VT/B
HT/B
C
PIN OD
VTK-xxxxx FOR VERTICAL & HTK-xxxxx FOR HORIZONTAL



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com