Electronic Components Datasheet Search
  English  ▼

X  

VTK-02002 Datasheet(PDF) 1 Page - Premier Magnetics, Inc.

Part # VTK-02002
Description  SENDUST TOROIDAL POWER INDUCTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMI [Premier Magnetics, Inc.]
Direct Link  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

VTK-02002 Datasheet(HTML) 1 Page - Premier Magnetics, Inc.

  VTK-02002 Datasheet HTML 1Page - Premier Magnetics, Inc. VTK-02002 Datasheet HTML 2Page - Premier Magnetics, Inc. VTK-02002 Datasheet HTML 3Page - Premier Magnetics, Inc. VTK-02002 Datasheet HTML 4Page - Premier Magnetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630
• TEL: (949) 452-0511 • FAX: (949) 452-0512 • http://www.premiermag.com
Specifications subject to change without notice.
1
PM-DCXXXXX 9/2000
SENDUST
TOROIDAL
POWER INDUCTORS
ELECTRICAL SPECIFICATIONS AT 25OC - OPERATING TEMPERTURE RANGE -55OC TO +105OC
FEATURES
* Sendust Powdered Iron Toroidal Construction.
* Optimized For Use as High Frequency DC Chokes.
* Temp Rise Data: Ripple Currents < 10% @ 100KHz
* Low Cost Self Lead Construction.
* Lower AC Losses Than Normal Powdered iron
NOTES: Temp Rise T1 & T2 are calculated.
1) Ln = Nominal Ind. @ 0.0Adc
L1 = Nominal Ind. @ I1 Adc, T1 Temp Rise
L2 = Nominal Ind. @ I2 Adc, T2 Temp Rise
2) I1 Represents a 1-20% Drop in Ln
I2 Represents a 20-40% Drop in Ln
PART
NUMBER
Ln
(
µµµµµH)
DCR
(Ohm)
I1
(dc A)
L1
(
µµµµµH)
@
T1
(OC)
I2
(dc A)
L2
(
µµµµµH)
@
T2
(OC)
REF. DIMENSIONS IN INCHES
A
VT/B
HT/B
C
PIN OD
VTK-01001
10
0.024
10
1
12
8
2
47
.31
.16
.14
.29
.014
VTK-02001
20
0.030
18
1
9
13
2
36
.38
.18
.16
.36
.016
VTK-05001
50
0.054
42
1
10
31
2
39
.48
.21
.19
.46
.016
VTK-10001 100
0.102
82
1
12
57
2
46
.59
.25
.23
.57
.016
VTK-15001 150
0.091
127
1
6
96
2
24
.76
.32
.30
.74
.020
VTK-25001 250
0.171
210
1
9
154
2
33
.92
.32
.30
.90
.018
VTK-01002
10
0.008
9
2674
23
.51
.24
.21
.48
.025
VTK-02002
20
0.012
17
2
5
12
4
20
.63
.28
.25
.59
.032
VTK-05002
50
0.032
37
2
17
22
4
66
.60
.26
.24
.58
.0225
VTK-10002 100
0.043
79
2
9
53
4
33
.95
.34
.31
.92
.0285
VTK-15002 150
0.053
117
2
8
80
4
30
1.06
.40
.36
1.03
.0285
VTK-25002 250
0.053
205
2
5
150
4
21
1.24
.56
.52
1.20
.032
VTK-01005
10
0.005
9
5
6
7
10
22
1.00
.39
.33
.94
.051
VTK-02005
20
0.006
16
5
6
12
10
22
1.11
.45
.39
1.05
.051
VTK-05005
50
0.010
36
5
9
20
10
36
1.11
.45
.39
1.05
.051
VTK-10005 100
0.021
80
5
8
57
10
33
1.67
.57
.51
1.61
.051
VTK-15005 150
0.026
124
5
8
90
10
30
1.85
.75
.69
1.79
.050
VTK-20005 200
0.030
154
5
9
108
10
35
1.85
.75
.69
1.79
.051
VTK-30005 312
0.037
258
5
11
194
10
32
2.18 1.00
.84
2.10
.051
VTK-02007
20
0.004
18
7
5
13
14
19
1.32
.63
.56
1.24
.064
VTK-05007
50
0.010
41
7
8
29
14
29
1.70
.60
.53
1.63
.064
VTK-10007 100
0.013
78
7
8
54
14
30
1.88
.78
.70
1.80
.064
VTK-15007 150
0.020
128
7
7
96
14
28
2.18
.95
.86
2.10
.064
VTK-20007 200
0.025
168
7
8
120
14
32
2.18
.95
.86
2.10
.064
VTK-05010
50
0.006
40
10
7
33
16
18
1.91
.81
.72
1.82
.064
VTK-25010 250
0.027
167
10
26
122
16
50
2.19 1.10
.85
2.10
.057
VTK-07012
70
0.009
60
12
14
55
16
20
2.21
.98
.88
2.12
.080
VTK-01025
12
0.0023
9.4
25
26
8.7
30
32
2.25
.95
.75
1.85
.100


Similar Part No. - VTK-02002

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
VTK-6193D4 CPI-VTK-6193D4 Datasheet
96Kb / 1P
40W, 18.0-26.5 GHz Helix TWT
VTK-6193D4X CPI-VTK-6193D4X Datasheet
96Kb / 1P
40W, 18.0-26.5 GHz Helix TWT
More results

Similar Description - VTK-02002

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
VTP-00301 PMI-VTP-00301 Datasheet
43Kb / 2P
LOW COST TOROIDAL POWER INDUCTORS
logo
PCA ELECTRONICS INC.
EP9585-1 PCA-EP9585-1 Datasheet
23Kb / 1P
Toroidal Power Inductors
logo
Token Electronics Indus...
TC19 TOKEN-TC19 Datasheet
325Kb / 2P
TC19 Power Gap Toroidal Inductors
TPUTX-2P TOKEN-TPUTX-2P Datasheet
360Kb / 4P
TPUTX Chip Toroidal Power Inductors
logo
Cooper Bussmann, Inc.
CTX100-5-52-R COOPER-CTX100-5-52-R Datasheet
238Kb / 4P
LOWCOST POWER INDUCTORS Toroidal Inductors
logo
Murata Manufacturing Co...
83683C MURATA-83683C Datasheet
167Kb / 2P
Toroidal Surface Mount Power Inductors
logo
Pulse A Technitrol Comp...
PE-50502NL PULSE-PE-50502NL Datasheet
65Kb / 1P
TOROIDAL INDUCTORS
PE-51507NL PULSE-PE-51507NL Datasheet
72Kb / 1P
TOROIDAL INDUCTORS
PE-51515NL PULSE-PE-51515NL Datasheet
72Kb / 1P
TOROIDAL INDUCTORS
P589 PULSE-P589 Datasheet
72Kb / 1P
TOROIDAL INDUCTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com