Electronic Components Datasheet Search
  English  ▼

X  

TPS70102 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS70102
Description  DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS70102 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS70102 Datasheet HTML 9Page - Texas Instruments TPS70102 Datasheet HTML 10Page - Texas Instruments TPS70102 Datasheet HTML 11Page - Texas Instruments TPS70102 Datasheet HTML 12Page - Texas Instruments TPS70102 Datasheet HTML 13Page - Texas Instruments TPS70102 Datasheet HTML 14Page - Texas Instruments TPS70102 Datasheet HTML 15Page - Texas Instruments TPS70102 Datasheet HTML 16Page - Texas Instruments TPS70102 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
TPS70145, TPS70148, TPS70151, TPS70158, TPS70102
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
SLVS222A – DECEMBER 1999 – REVISED MARCH 2000
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 14
0.01
0.1
1
10
100
1 k
10 k
100 k
f – Frequency – Hz
OUTPUT SPECTRAL NOISE DENSITY
vs
FREQUENCY
VIN1 = 4.3 V
VOUT1 = 3.3 V
IO = 10 mA
Figure 15
0.01
0.1
1
10
100
1 k
10 k
100 k
f – Frequency – Hz
OUTPUT SPECTRAL NOISE DENSITY
vs
FREQUENCY
VIN1 = 4.3 V
VOUT1 = 3.3 V
IO = 500 mA
Figure 16
0.01
0.1
1
10
100
1 k
10 k
100 k
f – Frequency – Hz
OUTPUT SPECTRAL NOISE DENSITY
vs
FREQUENCY
VIN2 = 2.8 V
VOUT2 = 1.8 V
IO = 10 mA
Figure 17
0.01
0.1
1
10
100
1 k
10 k
100 k
f – Frequency – Hz
OUTPUT SPECTRAL NOISE DENSITY
vs
FREQUENCY
VIN2 = 2.8 V
VOUT2 = 1.8 V
IO = 250 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com