Electronic Components Datasheet Search
  English  ▼

X  

TPS7301Q Datasheet(PDF) 21 Page - Texas Instruments

Part # TPS7301Q
Description  LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED DELAYED RESET FUNCTION
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS7301Q Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS7301Q Datasheet HTML 17Page - Texas Instruments TPS7301Q Datasheet HTML 18Page - Texas Instruments TPS7301Q Datasheet HTML 19Page - Texas Instruments TPS7301Q Datasheet HTML 20Page - Texas Instruments TPS7301Q Datasheet HTML 21Page - Texas Instruments TPS7301Q Datasheet HTML 22Page - Texas Instruments TPS7301Q Datasheet HTML 23Page - Texas Instruments TPS7301Q Datasheet HTML 24Page - Texas Instruments TPS7301Q Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
TPS7301Q, TPS7325Q, TPS7330Q, TPS7333Q, TPS7348Q, TPS7350Q
LOW-DROPOUT VOLTAGE REGULATORS
WITH INTEGRATED DELAYED RESET FUNCTION
SLVS124F – JUNE 1995 – REVISED JANUARY 1999
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Table of Graphs
IQ
Quiescent current
vs Output current
7
IQ
Quiescent current
vs Input voltage
8
IQ
Quiescent current
TPS7348
vs Free-air temperature
9
IQ
Quiescent current
TPS7325
vs Input voltage
10
IQ
Quiescent current
TPS7325
vs Free-air temperature
11
VDO
Dropout voltage
vs Output current
12
∆VDO
Change in dropout voltage
vs Free-air temperature
13
VDO
Dropout voltage
TPS7301
vs Output current
14
∆VO
Change in output voltage
vs Free-air temperature
15
VO
Output voltage
vs Input voltage
16
VO
Output voltage
TPS7325
vs Input voltage
17
Line regulation
18
TPS7301
vs Output current
19
TPS7325
vs Output current
20
VO
Output voltage
TPS7330
vs Output current
21
VO
Output voltage
TPS7333
vs Output current
22
TPS7348
vs Output current
23
TPS7350
vs Output current
24
Output voltage response from enable (EN)
25
TPS7301 or TPS7333
26
TPS7325
27
Load transient response
TPS7348 or TPS7350
28
Load transient response
TPS7301
29
TPS7333
30
TPS7348 or TPS7350
31
Ripple rejection
vs Frequency
32
Output spectral noise density
vs Frequency
33
C= 4 7
µF
vs Output current
34
Compensation series resistance
Co = 4.7 µF
vs Added ceramic capacitance
35
(CSR)
C= 10
µF
vs Output current
36
Co = 10 µF
vs Added ceramic capacitance
37
rDS(on)
Pass-element resistance
vs Input voltage
38
VI
Minimum input voltage for valid RESET
vs Free-air temperature
39
VIT–
Negative-going reset threshold
vs Free-air temperature
40
IOL(RESET) RESET output current
vs Input voltage
41
td
Reset time delay
vs Free-air temperature
42
td
Distribution for reset delay
43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com