Electronic Components Datasheet Search
  English  ▼

X  

TPS76515 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS76515
Description  ULTRA-LOW QUIESCIENT CURRENT 150-mA LOW-DROPOUT VOLTAGE REGULATORS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS76515 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS76515 Datasheet HTML 9Page - Texas Instruments TPS76515 Datasheet HTML 10Page - Texas Instruments TPS76515 Datasheet HTML 11Page - Texas Instruments TPS76515 Datasheet HTML 12Page - Texas Instruments TPS76515 Datasheet HTML 13Page - Texas Instruments TPS76515 Datasheet HTML 14Page - Texas Instruments TPS76515 Datasheet HTML 15Page - Texas Instruments TPS76515 Datasheet HTML 16Page - Texas Instruments TPS76515 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
TPS76515, TPS76518, TPS76525, TPS76527
TPS76528, TPS76530, TPS76533, TPS76550, TPS76501
ULTRA-LOW QUIESCIENT CURRENT 150-mA LOW-DROPOUT VOLTAGE REGULATORS
SLVS236 – AUGUST 1999
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 25
0.01
0.10
1.00
10.00
0
0.2
0.4
0.6
0.8
1.0
Added Ceramic Capacitance –
µF
TYPICAL REGION OF STABILITY
EQUIVALENT SERIES RESISTANCE†
vs
ADDED CERAMIC CAPACITANCE
101
100
10–1
10–2
VI = 4.3 V
CO = 4.7 µF
VO = 3.3 V
TA = 25°C
Minimum ESR
Region of Instability
IO = 150 mA
Figure 26
Added Ceramic Capacitance –
µF
TYPICAL REGION OF STABILITY
EQUIVALENT SERIES RESISTANCE†
vs
ADDED CERAMIC CAPACITANCE
0.01
0.10
1.00
10.00
0
0.2
0.4
0.6
0.8
1.0
101
100
10–1
10–2
VI = 4.3 V
VO = 3.3 V
CO = 10 µF
TA = 25°C
Minimum ESR
Region of Instability
101
IO = 150 mA
IN
EN
OUT
+
GND
CO
ESR
RL
VI
To Load
Figure 27. Test Circuit for Typical Regions of Stability (Figures 20 through 23) (Fixed Output Options)
† Equivalent series resistance (ESR) refers to the total series resistance, including the ESR of the capacitor, any series resistance added
externally, and PWB trace resistance to CO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com