Electronic Components Datasheet Search
  English  ▼

X  

TPS76515 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS76515
Description  ULTRA-LOW QUIESCIENT CURRENT 150-mA LOW-DROPOUT VOLTAGE REGULATORS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS76515 Datasheet(HTML) 2 Page - Texas Instruments

  TPS76515 Datasheet HTML 1Page - Texas Instruments TPS76515 Datasheet HTML 2Page - Texas Instruments TPS76515 Datasheet HTML 3Page - Texas Instruments TPS76515 Datasheet HTML 4Page - Texas Instruments TPS76515 Datasheet HTML 5Page - Texas Instruments TPS76515 Datasheet HTML 6Page - Texas Instruments TPS76515 Datasheet HTML 7Page - Texas Instruments TPS76515 Datasheet HTML 8Page - Texas Instruments TPS76515 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
TPS76515, TPS76518, TPS76525, TPS76527
TPS76528, TPS76530, TPS76533, TPS76550, TPS76501
ULTRA-LOW QUIESCIENT CURRENT 150-mA LOW-DROPOUT VOLTAGE REGULATORS
SLVS236 – AUGUST 1999
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description (continued)
Power good (PG) is an active high output, which can be used to implement a power-on reset or a low-battery
indicator.
The TPS765xx is offered in 1.5-V, 1.8-V, 2.5-V, 2.7-V, 2.8-V, 3.0-V, 3.3-V and 5.0-V fixed-voltage versions and
in an adjustable version (programmable over the range of 1.25 V to 5.5 V). Output voltage tolerance is specified
as a maximum of 3% over line, load, and temperature ranges. The TPS765xx family is available in 8 pin SOIC
package.
AVAILABLE OPTIONS
TJ
OUTPUT VOLTAGE
(V)
PACKAGED DEVICES
TJ
TYP
SOIC
(D)
5.0
TPS76550D
3.3
TPS76533D
3.0
TPS76530D
2.8
TPS76528D
– 40
°Cto125°C
2.7
TPS76527D
–40 C to 125 C
2.5
TPS76525D
1.8
TPS76518D
1.5
TPS76515D
Adjustable
1.25 V to 5.5 V
TPS76501D
The TPS76501 is programmable using an external resistor divider (see application
information). The D package is available taped and reeled. Add an R suffix to the
device type (e.g., TPS76501DR).
† See application information section for capacitor selection details.
PG
OUT
OUT
6
5
4
IN
IN
EN
GND
3
2
7
8
VI
0.1
µF
PG
VO
4.7
µF
+
TPS765xx
CO†
1
NC/FB
300 m
Ω
Figure 1. Typical Application Configuration for Fixed Output Options



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com