Electronic Components Datasheet Search
  English  ▼

X  

TPS767D301PWP Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS767D301PWP
Description  DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS767D301PWP Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS767D301PWP Datasheet HTML 9Page - Texas Instruments TPS767D301PWP Datasheet HTML 10Page - Texas Instruments TPS767D301PWP Datasheet HTML 11Page - Texas Instruments TPS767D301PWP Datasheet HTML 12Page - Texas Instruments TPS767D301PWP Datasheet HTML 13Page - Texas Instruments TPS767D301PWP Datasheet HTML 14Page - Texas Instruments TPS767D301PWP Datasheet HTML 15Page - Texas Instruments TPS767D301PWP Datasheet HTML 16Page - Texas Instruments TPS767D301PWP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
TPS767D301, TPS767D318, TPS767D325
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
SLVS209B – JULY 1999 – REVISED APRIL 2000
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 21
0.1
0
200
400
600
800
1000
TYPICAL REGION OF STABILITY
EQUIVALENT SERIES RESISTANCE†
vs
OUTPUT CURRENT
10
IO – Output Current – mA
1
Vo = 3.3V
CL = 4.7µF
VI = 4.3V
TA = 25°C
Region of Stability
Region of Instability
Figure 22
TYPICAL REGION OF STABILITY
EQUIVALENT SERIES RESISTANCE†
vs
OUTPUT CURRENT
IO – Output Current – mA
0.1
0
200
400
600
800
1000
10
1
Region of Stability
Region of Instability
VO = 3.3 V
Cl = 4.7 µF
VI = 4.3 V
TJ = 125°C
Figure 23
0.1
0
200
400
600
800
1000
TYPICAL REGION OF STABILITY
EQUIVALENT SERIES RESISTANCE†
vs
OUTPUT CURRENT
10
IO – Output Current – mA
1
Region of Instability
Region of Stability
VO = 3.3V
CL = 22µF
VI = 4.3V
TA = 25°C
Figure 24
TYPICAL REGION OF STABILITY
EQUIVALENT SERIES RESISTANCE†
vs
OUTPUT CURRENT
0.1
0
200
400
600
800
1000
10
1
IO – Output Current – mA
VO = 3.3V
Cl = 22µF
VI = 4.3V
TJ = 125°C
Region of Stability
Region of Instability
† Equivalent series resistance (ESR) refers to the total series resistance, including the ESR of the capacitor, any series resistance added
externally, and PWB trace resistance to CO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com