Electronic Components Datasheet Search
  English  ▼

X  

TPS767D301PWP Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TPS767D301PWP
Description  DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS767D301PWP Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPS767D301PWP Datasheet HTML 11Page - Texas Instruments TPS767D301PWP Datasheet HTML 12Page - Texas Instruments TPS767D301PWP Datasheet HTML 13Page - Texas Instruments TPS767D301PWP Datasheet HTML 14Page - Texas Instruments TPS767D301PWP Datasheet HTML 15Page - Texas Instruments TPS767D301PWP Datasheet HTML 16Page - Texas Instruments TPS767D301PWP Datasheet HTML 17Page - Texas Instruments TPS767D301PWP Datasheet HTML 18Page - Texas Instruments TPS767D301PWP Datasheet HTML 19Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
TPS767D301, TPS767D318, TPS767D325
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
SLVS209B – JULY 1999 – REVISED APRIL 2000
17
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Reset indicator
The TPS767D3xx features a RESET output that can be used to monitor the status of the regulator. The internal
comparator monitors the output voltage: when the output drops to 95% (typical) of its regulated value, the
RESET output transistor turns on, taking the signal low. The open-drain output requires a pullup resistor. If not
used, it can be left floating. RESET can be used to drive power-on reset circuitry or as a low-battery indicator.
regulator protection
The TPS767D3xx PMOS-pass transistor has a built-in back-gate diode that safely conducts reverse currents
when the input voltage drops below the output voltage (e.g., during power down). Current is conducted from
the output to the input and is not internally limited. When extended reverse voltage is anticipated, external
limiting may be appropriate.
The TPS767D3xx also features internal current limiting and thermal protection. During normal operation, the
TPS767D3xx limits output current to approximately 1.7 A. When current limiting engages, the output voltage
scales back linearly until the overcurrent condition ends. While current limiting is designed to prevent gross
device failure, care should be taken not to exceed the power dissipation ratings of the package. If the
temperature of the device exceeds 150
°C(typ), thermal-protection circuitry shuts it down. Once the device has
cooled below 130
°C(typ), regulator operation resumes.
power dissipation and junction temperature
Specified regulator operation is assured to a junction temperature of 125
°C; the maximum junction temperature
should be restricted to 125
°C under normal operating conditions. This restriction limits the power dissipation
the regulator can handle in any given application. To ensure the junction temperature is within acceptable limits,
calculate the maximum allowable dissipation, PD(max), and the actual dissipation, PD, which must be less than
or equal to PD(max).
The maximum-power-dissipation limit is determined using the following equation:
P
D(max) +
T
J
max
* T
A
RqJA
Where:
TJmax is the maximum allowable junction temperature
TA is the ambient temperature.
RθJA is the thermal resistance junction-to-ambient for the package, i.e., 27.9°C/W for the 28-terminal
PWP with no airflow.
The regulator dissipation is calculated using:
P
D +
V
I *
V
O
I
O
Power dissipation resulting from quiescent current is negligible. Excessive power dissipation will trigger the
thermal protection circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com