Electronic Components Datasheet Search
  English  ▼

X  

TPS76501 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS76501
Description  ULTRA-LOW QUIESCIENT CURRENT 150-mA LOW-DROPOUT VOLTAGE REGULATORS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS76501 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS76501 Datasheet HTML 4Page - Texas Instruments TPS76501 Datasheet HTML 5Page - Texas Instruments TPS76501 Datasheet HTML 6Page - Texas Instruments TPS76501 Datasheet HTML 7Page - Texas Instruments TPS76501 Datasheet HTML 8Page - Texas Instruments TPS76501 Datasheet HTML 9Page - Texas Instruments TPS76501 Datasheet HTML 10Page - Texas Instruments TPS76501 Datasheet HTML 11Page - Texas Instruments TPS76501 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
TPS76515, TPS76518, TPS76525, TPS76527
TPS76528, TPS76530, TPS76533, TPS76550, TPS76501
ULTRA-LOW QUIESCIENT CURRENT 150-mA LOW-DROPOUT VOLTAGE REGULATORS
SLVS236 – AUGUST 1999
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 6
34.0
34.1
34.2
34.3
34.4
34.5
34.6
34.7
34.8
34.9
35.0
0
25
50
75
100
125
150
IL – Load Current – mA
TPS76533
GROUND CURRENT
vs
LOAD CURRENT
VO = 3.3 V
TA = 25°C
Figure 7
33.0
33.1
33.2
33.3
33.4
33.5
33.6
33.7
33.8
33.9
34.0
0
25
50
75
100
125
150
IL – Load Current – mA
TPS76515
GROUND CURRENT
vs
LOAD CURRENT
VO = 1.5 V
TA = 25°C
Figure 8
TA – Free-Air Temperature – °C
TPS76533
GROUND CURRENT
vs
FREE-AIR TEMPERATURE
10
15
20
25
30
35
40
45
50
55
–50
0
50
100
150
VO = 3.3 V
IO = 150 mA
Figure 9
TA – Free-Air Temperature – °C
TPS76515
GROUND CURRENT
vs
FREE-AIR TEMPERATURE
15
20
25
30
35
40
45
50
55
–50
0
50
100
150
VO = 1.5 V
IO = 150 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com