Electronic Components Datasheet Search
  English  ▼

X  

TPS76501 Datasheet(PDF) 16 Page - Texas Instruments

Part # TPS76501
Description  ULTRA-LOW QUIESCIENT CURRENT 150-mA LOW-DROPOUT VOLTAGE REGULATORS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS76501 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS76501 Datasheet HTML 10Page - Texas Instruments TPS76501 Datasheet HTML 11Page - Texas Instruments TPS76501 Datasheet HTML 12Page - Texas Instruments TPS76501 Datasheet HTML 13Page - Texas Instruments TPS76501 Datasheet HTML 14Page - Texas Instruments TPS76501 Datasheet HTML 15Page - Texas Instruments TPS76501 Datasheet HTML 16Page - Texas Instruments TPS76501 Datasheet HTML 17Page - Texas Instruments TPS76501 Datasheet HTML 18Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
TPS76515, TPS76518, TPS76525, TPS76527
TPS76528, TPS76530, TPS76533, TPS76550, TPS76501
ULTRA-LOW QUIESCIENT CURRENT 150-mA LOW-DROPOUT VOLTAGE REGULATORS
SLVS236 – AUGUST 1999
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
power-good indicator
The TPS765xx features a power-good (PG) output that can be used to monitor the status of the regulator. The
internal comparator monitors the output voltage: when the output drops to between 92% and 98% of its nominal
regulated value, the PG output transistor turns on, taking the signal low. The open-drain output requires a pullup
resistor. If not used, it can be left floating. PG can be used to drive power-on reset circuitry or used as a
low-battery indicator.
regulator protection
The TPS765xx PMOS-pass transistor has a built-in back diode that conducts reverse currents when the input
voltage drops below the output voltage (e.g., during power down). Current is conducted from the output to the
input and is not internally limited. When extended reverse voltage is anticipated, external limiting may be
appropriate.
The TPS765xx also features internal current limiting and thermal protection. During normal operation, the
TPS765xx limits output current to approximately 0.8 A. When current limiting engages, the output voltage scales
back linearly until the overcurrent condition ends. While current limiting is designed to prevent gross device
failure, care should be taken not to exceed the power dissipation ratings of the package. If the temperature of
the device exceeds 150
°C(typ), thermal-protection circuitry shuts it down. Once the device has cooled below
130
°C(typ), regulator operation resumes.
power dissipation and junction temperature
Specified regulator operation is assured to a junction temperature of 125
°C; the maximum junction temperature
should be restricted to 125
°C under normal operating conditions. This restriction limits the power dissipation
the regulator can handle in any given application. To ensure the junction temperature is within acceptable limits,
calculate the maximum allowable dissipation, PD(max), and the actual dissipation, PD, which must be less than
or equal to PD(max).
The maximum-power-dissipation limit is determined using the following equation:
P
D(max) +
T
J
max
* T
A
RqJA
Where
TJmax is the maximum allowable junction temperature
TA is the ambient temperature.
RθJA is the thermal resistance junction-to-ambient for the package, i.e., 176°C/W for the 8-terminal
SOIC.
The regulator dissipation is calculated using:
P
D +
V
I *
V
O
I
O
Power dissipation resulting from quiescent current is negligible. Excessive power dissipation will trigger the
thermal protection circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com