Electronic Components Datasheet Search
  English  ▼

X  

TPS77501 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS77501
Description  FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS77501 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS77501 Datasheet HTML 9Page - Texas Instruments TPS77501 Datasheet HTML 10Page - Texas Instruments TPS77501 Datasheet HTML 11Page - Texas Instruments TPS77501 Datasheet HTML 12Page - Texas Instruments TPS77501 Datasheet HTML 13Page - Texas Instruments TPS77501 Datasheet HTML 14Page - Texas Instruments TPS77501 Datasheet HTML 15Page - Texas Instruments TPS77501 Datasheet HTML 16Page - Texas Instruments TPS77501 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
TPS77501, TPS77515, TPS77518, TPS77525, TPS77533 WITH RESET OUTPUT
TPS77601, TPS77615, TPS77618, TPS77625, TPS77628, TPS77633 WITH PG OUTPUT
FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
SLVS232B – SEPTEMBER 1999 – REVISED NOVEMBER 1999
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 14
10
0
3.7
2.7
TPS77x15
LINE TRANSIENT RESPONSE
t – Time –
µs
060
40
20
80 100
140
120
160 180 200
CL = 10 µF
TA = 25°C
–10
Figure 15
t – Time –
µs
TPS77x15
LOAD TRANSIENT RESPONSE
CO = 2x47 µF
ESR = 1/2x100 m
Ω
VO = 1.5 V
VIN = 2.7 V
500
0
060
40
20
80 100
140
120
160 180 200
0
50
–50
Figure 16
TPS77x33
LINE TRANSIENT RESPONSE
t – Time –
µs
5.3
60
40
20
80 100
140
120
160 180 200
CL = 10 µF
TA = 25°C
0
4.3
10
0
–10
Figure 17
t – Time –
µs
TPS77x33
LOAD TRANSIENT RESPONSE
500
0
60
40
20
80 100
140
120
160 180 200
0
0
50
–50
CO = 2x47 µF
ESR = 1/2x100 m
Ω
VO = 3.3 V
VI = 4.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com