Electronic Components Datasheet Search
  English  ▼

X  

TPS77501 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS77501
Description  FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS77501 Datasheet(HTML) 2 Page - Texas Instruments

  TPS77501 Datasheet HTML 1Page - Texas Instruments TPS77501 Datasheet HTML 2Page - Texas Instruments TPS77501 Datasheet HTML 3Page - Texas Instruments TPS77501 Datasheet HTML 4Page - Texas Instruments TPS77501 Datasheet HTML 5Page - Texas Instruments TPS77501 Datasheet HTML 6Page - Texas Instruments TPS77501 Datasheet HTML 7Page - Texas Instruments TPS77501 Datasheet HTML 8Page - Texas Instruments TPS77501 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
TPS77501, TPS77515, TPS77518, TPS77525, TPS77533 WITH RESET OUTPUT
TPS77601, TPS77615, TPS77618, TPS77625, TPS77628, TPS77633 WITH PG OUTPUT
FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
SLVS232B – SEPTEMBER 1999 – REVISED NOVEMBER 1999
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description (continued)
Because the PMOS device behaves as a low-value resistor, the dropout voltage is very low (typically 169 mV
at an output current of 500 mA for the TPS77x33) and is directly proportional to the output current. Additionally,
since the PMOS pass element is a voltage-driven device, the quiescent current is very low and independent
of output loading (typically 85
µA over the full range of output current, 0 mA to 500 mA). These two key
specifications yield a significant improvement in operating life for battery-powered systems. This LDO family
also features a sleep mode; applying a TTL high signal to EN (enable) shuts down the regulator, reducing the
quiescent current to 1
µA at TJ = 25°C.
The RESET output of the TPS775xx initiates a reset in microcomputer and microprocessor systems in the event
of an undervoltage condition. An internal comparator in the TPS775xx monitors the output voltage of the
regulator to detect an undervoltage condition on the regulated output voltage.
Power good (PG) of the TPS776xx is an active high output, which can be used to implement a power-on reset
or a low-battery indicator.
The TPS775xx and TPS776xx are offered in 1.5-V, 1.8-V, 2.5-V, 2.8 V (TPS77628 only), and 3.3-V fixed-voltage
versions and in an adjustable version (programmable over the range of 1.5 V to 5.5 V for TPS77501 option and
1.2 V to 5.5 V for TPS77601 option). Output voltage tolerance is specified as a maximum of 2% over line, load,
and temperature ranges. The TPS775xx and TPS776xx families are available in 8 pin SOIC and 20 pin TSSOP
packages.
AVAILABLE OPTIONS†
TJ
OUTPUT
VOLTAGE
(V)
PACKAGED DEVICES
J
TYP
TSSOP
(PWP)
SOIC
(D)
3.3
TPS77533PWP
TPS77633PWP
TPS77533D
TPS77633D
2.5
TPS77525PWP
TPS77625PWP
TPS77525D
TPS77625D
2.8
—
TPS77628PWP
—
TPS77628D
1.8
TPS77518PWP
TPS77618PWP
TPS77518D
TPS77618D
–40
°C to 125°C
1.5
TPS77515PWP
TPS77615PWP
TPS77515D
TPS77615D
Adjustable
1.2 V to 5.5 V
—
TPS77601PWP
—
TPS77601D
Adjustable
1.5 V to 5.5 V
TPS77501PWP
—
TPS77501D
—
The TPS77x01 is programmable using an external resistor divider (see application information). The D and PWP
packages are available taped and reeled. Add an R suffix to the device type (e.g., TPS77501DR).
† The TPS775xx has an open-drain power-on reset with a 200-ms delay function. The TPS776xx has an open-drain
power good function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com