Electronic Components Datasheet Search
  English  ▼

X  

TRF1015DB Datasheet(PDF) 12 Page - Texas Instruments

Part # TRF1015DB
Description  RF DOWNCONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF1015DB Datasheet(HTML) 12 Page - Texas Instruments

Back Button TRF1015DB Datasheet HTML 8Page - Texas Instruments TRF1015DB Datasheet HTML 9Page - Texas Instruments TRF1015DB Datasheet HTML 10Page - Texas Instruments TRF1015DB Datasheet HTML 11Page - Texas Instruments TRF1015DB Datasheet HTML 12Page - Texas Instruments TRF1015DB Datasheet HTML 13Page - Texas Instruments TRF1015DB Datasheet HTML 14Page - Texas Instruments TRF1015DB Datasheet HTML 15Page - Texas Instruments TRF1015DB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
TRF1015
RF DOWNCONVERTER
SLWS021D– JUNE 1996 – REVISED JULY 1998
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
2
0
5
2
1
0.5
0.2
0
0.2
0.5
1
5
– 0.2
– 0.5
–1
–2
–5
M1
M2
M3
M4
S22
S11
M1 Frequency = 200 MHz
M2 Frequency = 1100 MHz
M3 Frequency = 200 MHz
M4 Frequency = 1100 MHz
LNA S–Parameters (S11, S22); PD1 = H, PD2 = H
Frequency 200 to 1100 MHz
Figure 9
Figure 10
M1
M2
1.2
2.4
3.6
4.6
6
LNA S–Parameter (S21); PD1 = H, PD2 = H
M1 Frequency = 200 MHz
M2 Frequency = 1100 MHz
Frequency 200 to 1100 MHz
∞
M2
M1
0.012
0.024
0.036
0.048
0.06
LNA S–Parameter (S12); PD1 = H, PD2 = H
M1 Frequency = 200 MHz
M2 Frequency = 1100 MHz
Figure 11
Frequency 200 to 1100 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com