Electronic Components Datasheet Search
  English  ▼

X  

TRF1015DB Datasheet(PDF) 3 Page - Texas Instruments

Part # TRF1015DB
Description  RF DOWNCONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF1015DB Datasheet(HTML) 3 Page - Texas Instruments

  TRF1015DB Datasheet HTML 1Page - Texas Instruments TRF1015DB Datasheet HTML 2Page - Texas Instruments TRF1015DB Datasheet HTML 3Page - Texas Instruments TRF1015DB Datasheet HTML 4Page - Texas Instruments TRF1015DB Datasheet HTML 5Page - Texas Instruments TRF1015DB Datasheet HTML 6Page - Texas Instruments TRF1015DB Datasheet HTML 7Page - Texas Instruments TRF1015DB Datasheet HTML 8Page - Texas Instruments TRF1015DB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
TRF1015
RF DOWNCONVERTER
SLWS021D– JUNE 1996 – REVISED JULY 1998
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
AUX_LO –
3
O
PLL auxiliary local oscillator (LO) output (inverting). AUX_LO – is the inverted output from the auxiliary local
oscillator.
AUX_LO+
4
O
PLL auxiliary LO output (noninverting). AUX_LO + is the noninverted output from the auxiliary local oscillator.
LNA_GND
10
LNA ground
LNA_GND
11
LNA ground
LNA_GND
12
LNA ground
LNA_GND
16
LNA ground
LNA_IN
15
I
LNA RF input. LNA_IN is the RF input signal to the LNA.
LNA_OUT
13
O
LNA RF output. LNA_OUT is the RF output from the LNA.
LNA_VCC
14
LNA voltage supply. The power supply voltage required to operate the LNA is connected to LNA_VCC. See
Application Information section.
MIX_GND
17
Mixer ground
MIX_IN
18
I
Mixer RF input. MIX_IN is the RF input to the mixer.
MIX_OUT–
20
O
Mixer IF output (inverting). MIX_OUT– is the inverted intermediate frequency (IF) output from the mixer.
MIX_OUT+
19
O
Mixer IF output (noninverting). MIX_OUT+ is the noninverted intermediate frequency (IF) output from the mixer.
OSC1
7
VCO tank port. A coaxial resonator and other tuning components are connected to OSC1 to form the local oscillator
(see Application Information section).
OSC2
5
External oscillator input. An external oscillator can be connected to OSC2. See Application Information section.
PD1
1
I
Power down 1 LSB. PD1, along with PD2, determines which sections of the TRF1015 are placed in standby or
operate mode.
PD2
2
I
Power down 2 MSB. PD2, along with PD1, determines which sections of the TRF1015 are placed in standby or
operate mode.
VCO_BYP
9
VCO bypass port. An external capacitor can be connected to VCO_BYP when the TRF1015 is configured for local
oscillator operation.
VCO_GND
6
VCO ground
VCO_VCC
8
VCO voltage supply. The power supply voltage required to operate the VCO is connected to VCO_VCC (see
Application Information section).
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
– 0.3 V to 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI
– 0.3 V to VCC + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power dissipation at or below TA = 25°C
200 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual-junction temperature, TJ
150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
–40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC
3.5
3.75
5.5
V
High-level input voltage, VIH
VCC–0.5
VCC
V
Low-level input voltage, VIL
– 0.3
0.5
V
Operating free-air temperature, TA
–40
85
°C
Operating virtual-junction temperature, TJ
–30
105
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com