Electronic Components Datasheet Search
  English  ▼

X  

AP5725 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AP5725
Description  WHITE LED STEP-UP CONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP5725 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AP5725 Datasheet HTML 5Page - Diodes Incorporated AP5725 Datasheet HTML 6Page - Diodes Incorporated AP5725 Datasheet HTML 7Page - Diodes Incorporated AP5725 Datasheet HTML 8Page - Diodes Incorporated AP5725 Datasheet HTML 9Page - Diodes Incorporated AP5725 Datasheet HTML 10Page - Diodes Incorporated AP5725 Datasheet HTML 11Page - Diodes Incorporated AP5725 Datasheet HTML 12Page - Diodes Incorporated AP5725 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AP5725
WHITE LED STEP-UP CONVERTER
AP5725 Rev. 1
9 of 16
JUNE 2009
www.diodes.com
© Diodes Incorporated
Inductor Selection
A 10μH~22μH inductor is recommended for most AP5725 applications. Although small size and high
efficiency are major concerns, the inductor should have low core losses at 1.2MHz and low DCR (copper wire
resistance).
Capacitor Selection
The small size of ceramic capacitors are ideal for AP5725 applications. X5R and X7R types are
recommended because they retain their capacitance over wider voltage and temperature ranges than other
types such as Y5V or Z5U. A 1μF input capacitor and a 1μF output capacitor are sufficient for most AP5725
applications.
Diode Selection
Schottky diodes, with their low forward voltage drop and fast reverse recovery, are the ideal choices for
AP5725 applications. The forward voltage drop of a Schottky diode represents the conduction losses in the
diode, while the diode capacitance (CT or CD) represents the switching losses.
For diode selection, both
forward voltage drop and diode capacitance need to be considered.
Schottky diodes with higher current
ratings usually have lower forward voltage drop and larger diode capacitance, which can cause significant
switching losses at the 1.2MHz switching frequency of the AP5725. A Schottky diode rated at 100mA to
200mA is sufficient for most AP5725 applications.
LED Current Control
The LED current is controlled by the feedback resistor (RSET in Figure 1). The feedback reference is 0.25V.
The LED current is 0.25V/ RSET. In order to have accurate LED current, precision resistors are preferred (1% is
recommended). The formula and table for RSET selection are shown below.
RSET = 0.25V/ILED (See Table 1)
Table 1. RSET Resistor Value Selection
ILED (mA)
RSET (Ω)
5
50
10
25
15
16.6
20
12.5
30
8.3
Application Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com