Electronic Components Datasheet Search
  English  ▼

X  

AP5725 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP5725
Description  WHITE LED STEP-UP CONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP5725 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP5725 Datasheet HTML 1Page - Diodes Incorporated AP5725 Datasheet HTML 2Page - Diodes Incorporated AP5725 Datasheet HTML 3Page - Diodes Incorporated AP5725 Datasheet HTML 4Page - Diodes Incorporated AP5725 Datasheet HTML 5Page - Diodes Incorporated AP5725 Datasheet HTML 6Page - Diodes Incorporated AP5725 Datasheet HTML 7Page - Diodes Incorporated AP5725 Datasheet HTML 8Page - Diodes Incorporated AP5725 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AP5725
WHITE LED STEP-UP CONVERTER
AP5725 Rev. 1
4 of 16
JUNE 2009
www.diodes.com
© Diodes Incorporated
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VIN
Input Voltage
2.7
5.5
V
TJ
Operating Junction Temperature
-40
125
oC
TA
Operating Ambient Temperature
-40
85
oC
Electrical Characteristics
(VIN=3.6V, TA=25
oC, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ.
Max
Unit
System Supply Input
VIN
Operating Input Voltage
2.7
-
5.5
V
UVLO
Under Voltage Lockout
-
2.2
2.4
V
Under Voltage Lockout Hysteretic
-
85
-
mV
IQ
Quiescent Current
FB=0.35V, No Switching
-
500
-
μA
ISD
Shutdown Current
VEN < 0.4V
-
0.1
1
μA
Oscillator
FOSC
Operation Frequency
1
1.2
1.4
MHz
Dmax
Maximum Duty Cycle
86
90
-
%
Reference Voltage
VFB
Feedback Voltage
0.225
0.25
0.275
V
IFB
FB Pin Bias Current
10
45
100
nA
MOSFET
Rds(on) On Resistance of MOSFET
0.5
0.75
1.0
Ω
IOCP
Switching Current Limit
Normal Operation
-
750
-
mA
Control and Protection
EN
Voltage High
ON
1.5
-
-
V
EN
Voltage Low
OFF
-
-
0.4
V
IEN
EN Pin Pull Low Current
-
4
6
μA
OVP
OVP Threshold
26
30
34
V
θ
JA
Thermal Resistance
Junction-to-Ambient
SOT26 (Note 3)
162
oC/W
DFN2020C-6 (Note 3)
200
oC/W
θ
JC
Thermal Resistance
Junction-to-Case
SOT26 (Note 3)
36
oC/W
DFN2020C-6 (Note 3)
30
oC/W
Notes:
3. Test condition for SOT26 and DFN2020C-6: Device mounted on FR-4 substrate, single-layer PC board, 2oz copper, with minimum
recommended pad layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com