Electronic Components Datasheet Search
  English  ▼

X  

KPC457 Datasheet(PDF) 1 Page - COSMO Electronics Corporation

Part # KPC457
Description  High Speed 1Mb/s,High CMR Mini-flat Package Photocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KPC457 Datasheet(HTML) 1 Page - COSMO Electronics Corporation

  KPC457 Datasheet HTML 1Page - COSMO  Electronics Corporation KPC457 Datasheet HTML 2Page - COSMO  Electronics Corporation KPC457 Datasheet HTML 3Page - COSMO  Electronics Corporation KPC457 Datasheet HTML 4Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
SPECIFICATION
R
Ro
oH
HS
S C
Co
om
mp
plliia
an
nc
ce
e
DATE: 08/14/2008
NO.61P04025
cosmo
ELECTRONICS CORPORATION
Photocoupler :
KPC457
SHEET 1 OF 4
REV
3
High Speed 1Mb/s,High CMR Mini-flat Package
Photocoupler
●
Features
1.High speed response(tPLH:typ.0.2us, tPHL:typ.0.4us).
2.High noise immunity due to high instantaneous common mode
rejection voltage(CMH:Min. 15KV/us, CML:Min. -15KV/us).
3.High isolation voltage between input and output (Viso:3750Vrms).
4.Mini-flat 5 pin package.
●
Applications
1. Computers, measuring instruments,control equipment.
2. High speed line receivers, high speed logic.
3. Telephone sets.
4. Signal transmission between circuits of different potentials and
impedances


Similar Part No. - KPC457

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KPC457TLD COSMO-KPC457TLD Datasheet
200Kb / 10P
5PIN HIGH-SPEED OUTPUT PHOTOCOUPLER
KPC457TRU COSMO-KPC457TRU Datasheet
200Kb / 10P
5PIN HIGH-SPEED OUTPUT PHOTOCOUPLER
KPC457 COSMO-KPC457_12 Datasheet
61Kb / 4P
High Speed 1Mb/s,High CMR Mini-flat Package
KPC457 COSMO-KPC457_15 Datasheet
200Kb / 10P
5PIN HIGH-SPEED OUTPUT PHOTOCOUPLER
More results

Similar Description - KPC457

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC3H2 SHARP-PC3H2 Datasheet
179Kb / 13P
Mini-flat Half Pitch Package, High CMR Photocoupler
PC352NJ0000F SHARP-PC352NJ0000F Datasheet
238Kb / 14P
Mini-flat Package, High CMR Photocoupler
logo
COSMO Electronics Corp...
KPC457 COSMO-KPC457_12 Datasheet
61Kb / 4P
High Speed 1Mb/s,High CMR Mini-flat Package
logo
Sharp Corporation
PC457L0NIP0F SHARP-PC457L0NIP0F Datasheet
208Kb / 12P
High Speed 1Mb/s, High CMR Mini-flat Package
PC410L0YIP0F SHARP-PC410L0YIP0F Datasheet
337Kb / 13P
High Speed 10Mb/s, High CMR Mini-flat Package ?뾑PIC Photocoupler
PC410S0NIP0F SHARP-PC410S0NIP0F Datasheet
239Kb / 15P
High Speed 10Mb/s, High CMR Mini-fl at Package OPIC Photocoupler
PC457S0NIP0F SHARP-PC457S0NIP0F Datasheet
225Kb / 13P
High Speed 1Mb/s, High CMR Mini-fl at Package OPIC Photo-coupler
PC957L0NSZ0F SHARP-PC957L0NSZ0F Datasheet
244Kb / 13P
High Speed 1Mb/s, High CMR DIP 8 pin OPIC Photocoupler
PC456L0NIP0F SHARP-PC456L0NIP0F Datasheet
211Kb / 13P
High Speed 2Mb/s, High CMR Mini-flat Package OPIC Photocoupler
PC411L0YIP0F SHARP-PC411L0YIP0F Datasheet
205Kb / 13P
High Speed 15Mb/s, High CMR Mini-flat Package OPIC Mini-flat Package ?뾑PIC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com