Electronic Components Datasheet Search
  English  ▼

X  

KPC457 Datasheet(PDF) 3 Page - COSMO Electronics Corporation

Part # KPC457
Description  High Speed 1Mb/s,High CMR Mini-flat Package Photocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KPC457 Datasheet(HTML) 3 Page - COSMO Electronics Corporation

  KPC457 Datasheet HTML 1Page - COSMO  Electronics Corporation KPC457 Datasheet HTML 2Page - COSMO  Electronics Corporation KPC457 Datasheet HTML 3Page - COSMO  Electronics Corporation KPC457 Datasheet HTML 4Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PRODUCT
SPECIFICATION
R
Ro
oH
HS
S C
Co
om
mp
plliia
an
nc
ce
e
DATE: 08/14/2008
NO.61P04025
cosmo
ELECTRONICS CORPORATION
Photocoupler :
KPC457
SHEET 3 OF 4
REV
3
●
Absolute Maximum Ratings
(Ta=25℃)
Parameter
Symbol
Rating
Unit
Forward current
(*1)
IF
25
mA
Peak forward current
IFM
200
mA
Reverse voltage
VR
5
V
Input
Power dissipation
(*2)
PD
45
mW
Supply voltage
VCC
-0.5 to +30
V
Output voltage
VO
-0.5 to +20
V
Output current
IO
8
mA
Output
Power dissipation
(*3)
PO
100
mW
Total power dissipation
(*3)
Ptot
100
mW
Isolation voltage 1 minute (*4)
Viso
3750
Vrms
Operating temperature
Topr
-55 to +85
℃
Storage temperature
Tstg
-55 to +125
℃
Soldering temperature 10 second
Tsol
260
℃
*1 When ambient temperature goes above 70°C, the power dissipation goes down at 0.8mA/°C.
*2 When ambient temperature goes above 70°C, the power dissipation goes down at 1.5mW/°C.
*3 When ambient temperature goes above 70°C, the power dissipation goes down at 1.8mW/°C.
*4 40 to 80%RH AC for 1 minute,f=60HZ.
●
Electro-optical Characteristics (*5)
(Ta=25℃)
Parameter
Symbol
Conditions
MIN.
TYP. MAX. Unit
Forward voltage
VF
IF=16mA
–
1.7
1.95
V
Reverse current
IR
VR=5V
–
–
10
uA
Input
Terminal capacitance
Ct
V=0, f=1MHZ
–
60
250
pF
High level output current (1)
IOH (1)
IF=0,VCC=5.5V,VO=5.5V
-
3
500
nA
High level output current (2)
IOH (2)
-
-
1.0
uA
High level output current (3) (*6)
IOH (3)
IF=0,VCC=15V,VO=15V
-
-
50
uA
High level supply current (1)
ICCH (1)
-
0.02
1.0
uA
High level supply current (2) (*6)
ICCH (2)
IF=0,VCC=15V,VO=Open
-
-
2.0
uA
Low level supply current
ICCL
IF=16mA,VCC=15V,VO=Open
-
120
-
uA
Output
Low level supply voltage
VL
IF=16mA,VCC=4.5V,IO=2.4mA
–
-
0.4
V
Current transfer ratio (1)
CTR(1)
19
–
50
%
Current transfer ratio (2)
(*6)
CTR(2)
IF=16mA,VCC=4.5V,VO=0.4V,
RL=1.9K ohm
15
–
-
%
Isolation resistance
RISO
DC=500V,40 to 60%RH
5x10
10
1x10
11
-
ohm
Floating capacitance
Cf
V=0,f=1MHZ
–
0.6
1.0
pF
“High-->Low” propagation delay
time
tPHL
–
0.2
0.8
us
“High-->Low” propagation delay
time
tPLH
IF=16mA,VCC=5V,
RL=1.9K ohm
-
0.4
0.8
us
Instantaneous common mode
rejection voltage
(High
level output)
CMH
IF=0,VCC=5V,
VCM=1.0KV(p-p),
RL=1.9K ohm
15
30
-
KV/us
Transfer
charac-
teristics
Instantaneous common mode
rejection voltage
(High
level output)
CML
IF=16mA,VCC=5V,
VCM=1.0KV(p-p),
RL=1.9K ohm
-15
-30
-
KV/us
*5 It shall connect a by-pass capacitor of 0.01uF or more between Vcc (pin 6) and GND(pin 4) near the device ,when it measures transfer
characteristics and the output side characteristics.
*6 Ta=0 to 70°C.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com