Electronic Components Datasheet Search
  English  ▼

X  

CDCE62002RHBR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62002RHBR
Description  Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE62002RHBR Datasheet(HTML) 21 Page - Texas Instruments

Back Button CDCE62002RHBR Datasheet HTML 17Page - Texas Instruments CDCE62002RHBR Datasheet HTML 18Page - Texas Instruments CDCE62002RHBR Datasheet HTML 19Page - Texas Instruments CDCE62002RHBR Datasheet HTML 20Page - Texas Instruments CDCE62002RHBR Datasheet HTML 21Page - Texas Instruments CDCE62002RHBR Datasheet HTML 22Page - Texas Instruments CDCE62002RHBR Datasheet HTML 23Page - Texas Instruments CDCE62002RHBR Datasheet HTML 24Page - Texas Instruments CDCE62002RHBR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
Writing to the CDCE62002
SPI_CLK
Bit0
Bit1
Bit29
Bit30
Bit31
SPI_LE
SPI_MOSI
Reading from the CDCE62002
SPI_ CLK
SPI_ MOSI
SPI_ MISO
SPI_LE
Bit
Bit0
Bit1
Bit2
Bit
30
31
Writing to EEPROM
CDCE62002
www.ti.com.............................................................................................................................................................. SCAS882A – JUNE 2009 – REVISED JULY 2009
Figure 17 illustrates a Write to RAM operation. Notice that the latching of the first data bit in the data stream (Bit
0) occurs on the first rising edge of SPI_CLK after SPI_LE transitions from a high to a low. For the CDCE62002,
data transitions occur on the falling edge of SPI_CLK. A rising edge on SPI_LE signals to the CDCE62002 that
the transmission of the last bit in the stream (Bit 31) has occurred.
Figure 17. CDCE62002 SPI Write Operation
Figure 18 shows how the CDCE62002 executes a Read Command. The SPI master first issues a Read
Command to initiate a data transfer from the CDCE62002 back to the host (see Table 6). This command
specifies the address of the register of interest. By transitioning SPI_LE from a low to a high, the CDCE62002
resolves the address specified in the appropriate bits of the data field. The host drives SPI_LE low and the
CDCE62002 presents the data present in the register specified in the Read Command on SPI_MISO.
Figure 18. CDCE62002 Read Operation
After the CDCE62002 detects a power-up and completes a reset cycle, it copies the contents of the on-board
EEPROM into the Device Registers. Therefore, the CDCE62002 initializes into a known state predefined by the
user. The host issues one of two special commands shown in Table 6 to copy the contents of Device Registers 0
through 1 into EERPOM. They include:
•
Copy RAM to EEPROM – Unlock, Execution of this command can happen many times.
•
Copy RAM to EEPROM – Lock: Execution of this command can happen only once; after which the EEPROM is permanently locked.
After either command is initiated, power must remain stable and the host must not access the CDCE62002 for at
least 50 ms to allow the EEPROM to complete the write cycle and to avoid the possibility of EEPROM corruption.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): CDCE62002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com