Electronic Components Datasheet Search
  English  ▼

X  

CDCE62002RHBR Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62002RHBR
Description  Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE62002RHBR Datasheet(HTML) 26 Page - Texas Instruments

Back Button CDCE62002RHBR Datasheet HTML 22Page - Texas Instruments CDCE62002RHBR Datasheet HTML 23Page - Texas Instruments CDCE62002RHBR Datasheet HTML 24Page - Texas Instruments CDCE62002RHBR Datasheet HTML 25Page - Texas Instruments CDCE62002RHBR Datasheet HTML 26Page - Texas Instruments CDCE62002RHBR Datasheet HTML 27Page - Texas Instruments CDCE62002RHBR Datasheet HTML 28Page - Texas Instruments CDCE62002RHBR Datasheet HTML 29Page - Texas Instruments CDCE62002RHBR Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 49 page
background image
Device Control
Device
OFF
Active Mode
Power ON
Reset
Power Down
Sync
VCO
CAL
Power
Applied
Delay
Finished
Power Down = ON
Sync = ON
Sync = OFF
PLLRESET= ON
External Control Pins
CDCE62002
SCAS882A – JUNE 2009 – REVISED JULY 2009.............................................................................................................................................................. www.ti.com
Figure 19 provides a conceptual explanation of the CDCE62002 Device operation. Table 11 defines how the
device behaves in each of the operational states.
Figure 19. CDCE62002 Device State Control Diagram
Table 11. CDCE62002 Device State Definitions
Output
Output
SPI Port
PLL
State
Device Behavior
Entered Via
Exited Via
Divider
Buffer
Status
Status
Status
Status
Power-On
After device power supply reaches
Power applied to the device or
Power On Reset and EEPROM
OFF
Disabled
Disabled
OFF
Reset
approximately 2.35V, the contents of
upon exit from Power Down State
loading delays are finished OR the
EEPROM are copied into the Device
via the PD pin set HIGH.
PD pin is set LOW.
Registers, thereby initializing the device
hardware .
VCO CAL
The voltage controlled oscillator is
Delay process in the Power-On
Calibration Process in completed
ON
Enabled
Disabled
OFF
calibrated based on the PLL settings
Reset State is finished or
and the incoming reference clock. After
PLLRESET=ON
the VCO has been calibrated, the device
enters Active Mode automatically.
Active Mode
Normal Operation
CAL Done (VCO calibration
Power Down or PLLRESET=ON
ON
Enabled
Disabled
Disabled or
process finished) or Sync = OFF
or
Enabled
(from Sync State).
Enabled
Power Down
Used to shut down all hardware and
PD pin is pulled LOW.
PD pin is pulled HIGH.
ON
Disabled
Disabled
Disabled
Resets the device after exiting the
Power Down State. Therefore, the
EEPROM contents will eventually be
copied into RAM after the Power Down
State is exited.
Sync
Sync synchronizes both outputs dividers
Sync Bit in device register 2 bit 8
Sync bit in device register 2 bit 8 is
ON
Enabled
Disabled
Disabled
so that they begin counting at the same
is set LOW
set HIGH
time
Power Down (PD)
When pulled LOW, PD activates the Power Down state which shuts down all hardware and resets the device.
Restoring PD high will cause the CDCE62002 to exit the Power Down State. This causes the device to behave
as if it has been powered up including copying the EEPROM contents into RAM. PD pin also has a shadowed
PD bit residing in Register 2 Bit 7. When asserted Low it puts the device in Power Down Mode, but it does not
load the EEPROM when the bits is disserted.
NOTE:
26
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): CDCE62002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com