Electronic Components Datasheet Search
  English  ▼

X  

DAC7568C Datasheet(PDF) 28 Page - Texas Instruments

Part # DAC7568C
Description  12-/14-/16-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7568C Datasheet(HTML) 28 Page - Texas Instruments

Back Button DAC7568C Datasheet HTML 24Page - Texas Instruments DAC7568C Datasheet HTML 25Page - Texas Instruments DAC7568C Datasheet HTML 26Page - Texas Instruments DAC7568C Datasheet HTML 27Page - Texas Instruments DAC7568C Datasheet HTML 28Page - Texas Instruments DAC7568C Datasheet HTML 29Page - Texas Instruments DAC7568C Datasheet HTML 30Page - Texas Instruments DAC7568C Datasheet HTML 31Page - Texas Instruments DAC7568C Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 58 page
background image
Time(20ms/div)
AV
=2.7V
DD
ExternalReference=2.5V
DAC=Midscale
Load=470pF||2kW
ChannelsG/H
AVDD
Time(4ms/div)
AV
=2.7V
DD
DAC=ZeroScale
Load=470pF||2kW
ChannelC
ChannelD
AV
DD =2.7V
FromCode:7FFFh
ToCode:8000h
ChannelEasExample
GlitchImpulse
~0.15nV-s
LDAC TriggerPulse5V/div
LDAC/ClockFeedthrough
Time(5ms/div)
AV
DD =2.7V
FromCode:8000h
ToCode:7FFFh
ChannelEasExample
GlitchImpulse
~0.2nV-s
LDAC TriggerPulse5V/div
LDAC/ClockFeedthrough
Time(5ms/div)
AV
DD =2.7V
FromCode:7FFCh
ToCode:8000h
ChannelAasExample
GlitchImpulse
~0.1nV-s
LDAC TriggerPulse5V/div
LDAC/ClockFeedthrough
Time(5ms/div)
AV
DD =2.7V
FromCode:8000h
ToCode:7FFCh
ChannelAasExample
GlitchImpulse
~0.08nV-s
LDAC TriggerPulse5V/div
LDAC/ClockFeedthrough
Time(5ms/div)
DAC7568
DAC8168
DAC8568
SBAS430A – JANUARY 2009 – REVISED APRIL 2009 ..................................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS: DAC at AVDD = 2.7V (continued)
Channel-specific information provided as examples. At TA = +25°C, internal reference used, and DAC output not loaded, all
DAC codes in straight binary data format, unless otherwise noted
POWER-ON GLITCH
RESET TO MIDSCALE
POWER-OFF GLITCH
Figure 112.
Figure 113.
GLITCH ENERGY:
GLITCH ENERGY:
2.7V, 1LSB STEP, RISING EDGE
2.7V, 1LSB STEP, FALLING EDGE
Figure 114.
Figure 115.
GLITCH ENERGY:
GLITCH ENERGY:
2.7V, 4LSB STEP, RISING EDGE
2.7V, 4LSB STEP, FALLING EDGE
Figure 116.
Figure 117.
28
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): DAC7568 DAC8168 DAC8568



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com