Electronic Components Datasheet Search
  English  ▼

X  

DAC7568C Datasheet(PDF) 3 Page - Texas Instruments

Part # DAC7568C
Description  12-/14-/16-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7568C Datasheet(HTML) 3 Page - Texas Instruments

  DAC7568C Datasheet HTML 1Page - Texas Instruments DAC7568C Datasheet HTML 2Page - Texas Instruments DAC7568C Datasheet HTML 3Page - Texas Instruments DAC7568C Datasheet HTML 4Page - Texas Instruments DAC7568C Datasheet HTML 5Page - Texas Instruments DAC7568C Datasheet HTML 6Page - Texas Instruments DAC7568C Datasheet HTML 7Page - Texas Instruments DAC7568C Datasheet HTML 8Page - Texas Instruments DAC7568C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 58 page
background image
ELECTRICAL CHARACTERISTICS
DAC7568
DAC8168
DAC8568
www.ti.com ..................................................................................................................................................... SBAS430A – JANUARY 2009 – REVISED APRIL 2009
At AVDD = 2.7V to 5.5V and over –40°C to +125°C (unless otherwise noted).
DAC7568/DAC8168/DAC8568
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC PERFORMANCE(1)
Resolution
16
Bits
Measured by the line passing through codes 485 and
DAC8568
Relative accuracy
±4
±12
LSB
64714
Differential nonlinearity
16-bit monotonic
±0.2
±1
LSB
Resolution
14
Bits
Measured by the line passing through codes 120 and
DAC8168
Relative accuracy
±1
±4
LSB
16200
Differential nonlinearity
14-bit monotonic
±0.1
±0.5
LSB
Resolution
12
Bits
Measured by the line passing through codes 30 and
DAC7568
Relative accuracy
±0.3
±1
LSB
4050
Differential nonlinearity
12-bit monotonic
±0.05
±0.25
LSB
Offset error
Extrapolated from two-point line(1), unloaded
±1
±4
mV
Offset error drift
±0.5
µV/°C
Full-scale error
DAC register loaded with all '1's
±0.03
±0.2
% of FSR
Zero-code error
DAC register loaded with all '0's
1
4
mV
Zero-code error drift
±2
µV/°C
Gain error
Extrapolated from two-point line(1), unloaded
±0.01
±0.15
% of FSR
ppm of
Gain temperature coefficient
±1
FSR/°C
OUTPUT CHARACTERISTICS(2)
AVDD ≥ 2.7V; grades A and B: maximum output
voltage 2.5V when using internal reference
Output voltage range
0
AVDD
V
AVDD ≥ 5V; grades C and D: maximum output voltage
5V when using internal reference
DACs unloaded; 1/4 scale to 3/4 scale to ±0.024%
5
10
Output voltage settling time
µs
RL = 1MΩ
10
Slew rate
0.75
V/
µs
RL = ∞
1000
Capacitive load stability
pF
RL = 2kΩ
3000
Code change glitch impulse
1LSB change around major carry
0.1
nV-s
Digital feedthrough
SCLK toggling, SYNC high
0.1
nV-s
RL = 2kΩ, CL = 470pF, AVDD = 5.5V
10
mV
Power-on glitch impulse
RL = 2kΩ, CL = 470pF, AVDD = 2.7V
6
mV
Channel-to-channel dc crosstalk
Full-scale swing on adjacent channel
0.1
LSB
RL = 2kΩ, CL = 420pF, 1kHz full-scale sine wave,
Channel-to-channel ac crosstalk
–109
dB
outputs unloaded
DC output impedance
At mid-code input
4
Ω
DAC outputs at full-scale, DAC outputs shorted to
Short-circuit current
11
mA
GND
Power-up time, including settling time
Coming out of power-down mode
50
µs
(1)
16-bit: codes 485 and 64714; 14-bit: codes 120 and 16200; 12-bit: codes 30 and 4050
(2)
Specified by design or characterization; not production tested.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): DAC7568 DAC8168 DAC8568



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com