Electronic Components Datasheet Search
  English  ▼

X  

PRDS1 Datasheet(PDF) 5 Page - ASM GmbH

Part # PRDS1
Description  Angle Sensors and Encoders Contents
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PRDS1 Datasheet(HTML) 5 Page - ASM GmbH

  PRDS1 Datasheet HTML 1Page - ASM GmbH PRDS1 Datasheet HTML 2Page - ASM GmbH PRDS1 Datasheet HTML 3Page - ASM GmbH PRDS1 Datasheet HTML 4Page - ASM GmbH PRDS1 Datasheet HTML 5Page - ASM GmbH PRDS1 Datasheet HTML 6Page - ASM GmbH PRDS1 Datasheet HTML 7Page - ASM GmbH PRDS1 Datasheet HTML 8Page - ASM GmbH PRDS1 Datasheet HTML 9Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
ASM
CAT-PR/PT-E-07
5
www.asm-sensor.com
POSIROT ® / POSITILT ® 
Angle Sensors and Encoders 
The Functional Principle
PRAS/PRDS Series (POSIROT®)
The angle sensors of the
PRAS/PRDS series are
based on a contact-free and absolute measure-
ment principle. The position sensing element is a
permanent magnet.
Depending on the permanent magnet type, a to-
lerance in the air gap and axial offset is allowable
within certain limits. The detected magnetic field
vectors are transformed by an internal circuit
board into standard 4-0 mA, 0.5-10 V and SSI
output signals.
PMIS Series (POSIROT®)
The incremental encoder of the
PMIS series con-
sists of an XMR sensor head and a magnet ring
as a magnetic scale. The circumference of the
magnet ring contains a series of evenly spaced
magnetic north and south poles.
The angular position is determined contact-free
and wear-free by the sampling of the sinusoid
magnetic field above the surface of the magnet
ring by the XMR-sensor head. The air gap between
the sensor head and the magnetic ring can be up
to  mm for a ring with a 5 mm period. The sensor
head generates 90° shifted sine/cosine signals,
through the integrated signal interpolation circuit,
these signals are combined with the reference
mark signal and transformed without a time delay
into a square-wave output.
PTAS Series (POSITILT®)
The
PTAS series uses a pendulum with an inter-
nal position magnet to provide the inclination an-
gle. The cavity surrounding the pendulum is filled
with a specific fluid that can be varied depending
upon the amount of motion damping is required.
The established PRAS or PRDS angle sensor is
fitted into the PTAS housing. The stainless steel
housing is thoroughly sealed and is rated up to
IP69K, which makes it suitable for use in extreme
environments found on cranes, off-highway con-
struction equipment, ships and off-shore applica-
tions.
External magnetic fields due to power cables,
magnetized materials or the earth’s magnetic field
do not influence the accuracy of the inclinometer.
The PTAS series is completely encapsulated in
a magnetically shielded housing and is immune
against magnetic fields as far as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com