Electronic Components Datasheet Search
  English  ▼

X  

PRDS1 Datasheet(PDF) 7 Page - ASM GmbH

Part # PRDS1
Description  Angle Sensors and Encoders Contents
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PRDS1 Datasheet(HTML) 7 Page - ASM GmbH

Back Button PRDS1 Datasheet HTML 3Page - ASM GmbH PRDS1 Datasheet HTML 4Page - ASM GmbH PRDS1 Datasheet HTML 5Page - ASM GmbH PRDS1 Datasheet HTML 6Page - ASM GmbH PRDS1 Datasheet HTML 7Page - ASM GmbH PRDS1 Datasheet HTML 8Page - ASM GmbH PRDS1 Datasheet HTML 9Page - ASM GmbH PRDS1 Datasheet HTML 10Page - ASM GmbH PRDS1 Datasheet HTML 11Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
PRDS1
KAB-2M-M12/8F/G-LITZE
PRMAG ...
ASM
CAT-PR/PT-E-07
7
www.asm-sensor.com
POSIROT ® 
PRDS1
Magnetic Angle Encoder with Incremental Output
Magnetic angle encoder 0 - 360° in M12 housing
●  Protection class IP67/IP69K
● Non-contactwithexternalpositionmagnet
● Wearfree
● Allmetalhousing
● Incrementalencoderoutput
Specifications
Output
Incremental encoder outputs A, A, B, B, Z, Z,
RS4 compatible
Resolution
18, 56, 51, 104 pulses per revolution
Linearity
±1°; a misalignment of the position magnet has an effect on
the linearity (see page 30)
Measurement range
0 ... 360°
Max. revolutions
30,000 r.p.m.
Max. output frequency
500 kHz (the quadrature counter of the subsequent circuit
must be able to process >500 kHz)
Rated distance sensor / magnet
Depending on the position magnet, see page 30
Material
Stainless steel / aluminium / zinc (depends on the model)
Mounting
M1 x 1
Protection class
IP67/IP69K (connector output with IP69K connector cable)
IP67 (cable output)
Shock
EN 60068--7:1993, 100 g/11 ms, 100 shocks
Vibration
EN 60068-2-6:1995, 20 g 10 Hz-2 kHz, 10 cycles
Order Code PRDS1   
 
 
 
Model name
Resolution (pulses/revolution)
18 / 56 / 51 / 104
Output (see page 8)
RS4 = RS4 compatible output with excitation 5 V DC
Connection
KAB3M = Cable, standard length 3 m
M1A8 = 8-pin socket M1
Orderexample:PRDS1-1024-RS422-M12A8
Order code connector cable (see accessories page 33)
Order code position magnet (see accessories page 30)
PRELIMINAR
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com