Electronic Components Datasheet Search
  English  ▼

X  

PRDS3 Datasheet(PDF) 26 Page - ASM GmbH

Part # PRDS3
Description  Angle Sensors and Encoders Contents
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PRDS3 Datasheet(HTML) 26 Page - ASM GmbH

Back Button PRDS3 Datasheet HTML 22Page - ASM GmbH PRDS3 Datasheet HTML 23Page - ASM GmbH PRDS3 Datasheet HTML 24Page - ASM GmbH PRDS3 Datasheet HTML 25Page - ASM GmbH PRDS3 Datasheet HTML 26Page - ASM GmbH PRDS3 Datasheet HTML 27Page - ASM GmbH PRDS3 Datasheet HTML 28Page - ASM GmbH PRDS3 Datasheet HTML 29Page - ASM GmbH PRDS3 Datasheet HTML 30Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 52 page
background image
U2
U6
I1
M12A5 / M12R5
26
CAT-PR/PT-E-08
ASM
www.asm-sensor.com
POSIROT ® – PRAS, POSITILT ® – PTAS
Outputs U2, U6 and I1
U2
Voltage Output
0.5 ... 10 V
Excitation voltage
+18 ... +27 V DC (+36 V DC as option)
Excitation current
40 mA max.
Output voltage
0.5 ... 10 V DC
Output current
2 mA max.
Output load
> 5 kΩ
Measuring rate
1 kHz standard
Stability (temperature)
±50 x 10-6 / °C f.s. (typ.) for 90°...360°
±100 x 10-6 / °C f.s. (typ.) for <90°
Operating temperature
-40 ... +85 °C (+105 °C as option, for sensors
w/o shaft only)
Protection
Reverse polarity, short circuit
EMC
According to EN 61326:2004
U6 = U6/5 / U6/8,25
Voltage Output
10 ... 90 % ratiometric
Excitation voltage
+5V DC ±10 % / +8.25 V DC ±10 %
Excitation current
40 mA max.
Output voltage
10 ... 90 % of the excitation voltage
Output current
2 mA max.
Output load
> 1 kΩ
Measuring rate
1 kHz standard
Stability (temperature)
±50 x 10-6 / °C f.s. (typ.) for 90°...360°
±100 x 10-6 / °C f.s. (typ.) for <90°
Operating temperature
-40 ... +85 °C (+105 °C as option, for sensors
w/o shaft only)
Protection
Reverse polarity, short circuit
EMC
According to EN 61326:2004
I1
Current Output
4 ... 20 mA
Excitation voltage
+18 ... +27 V DC (+36 V DC as option)
Excitation current
60 mA max.
Load resistor
500 Ω max.
Output current
4 ... 20 mA
Measuring rate
1 kHz standard
Stability (temperature)
±50 x 10-6 / °C f.s. (typ.) for 90°...360°
±100 x 10-6 / °C f.s. (typ.) for <90°
Operating temperature
-40 ... +85 °C
Protection
Reverse polarity, short circuit
EMC
According to EN 61326:2004
Output signals
Excitation +
GND
Signal +
Signal Wiring
Output signals
Connector pin
Cable color 
Excitation +
1
brown
Signal
2
white
GND
3
blue
Do not connect!
4
black
Do not connect!
5
–
Connection
View to sensor
connector
Other outputs available on request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com