Electronic Components Datasheet Search
  English  ▼

X  

PRDS3 Datasheet(PDF) 31 Page - ASM GmbH

Part # PRDS3
Description  Angle Sensors and Encoders Contents
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PRDS3 Datasheet(HTML) 31 Page - ASM GmbH

Back Button PRDS3 Datasheet HTML 27Page - ASM GmbH PRDS3 Datasheet HTML 28Page - ASM GmbH PRDS3 Datasheet HTML 29Page - ASM GmbH PRDS3 Datasheet HTML 30Page - ASM GmbH PRDS3 Datasheet HTML 31Page - ASM GmbH PRDS3 Datasheet HTML 32Page - ASM GmbH PRDS3 Datasheet HTML 33Page - ASM GmbH PRDS3 Datasheet HTML 34Page - ASM GmbH PRDS3 Datasheet HTML 35Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 52 page
background image
PRPT-BPL2
PRPT-BPL3
33 [1.299]
Ø
42
[1.6
54]
4 [.157]
55 [2.165]
3x M2,5
90
°
11
0°
3x M4
48
[1.890
]
33 [1.299]
Ø
40 [1.575]
42
[1.65
4]
5
,5
[.2
17
]
4 [.157]
55 [2.165]
3x M2,5
90°
110
°
3x M4
48 [1
.890]
PRPT-BPL1
ASM
CAT-PR/PT-E-0831
www.asm-sensor.com
Weight30gapprox.
Dimensionsinformativeonly.
Forguaranteeddimensionspleaseconsultfactory.
Dimensionsinmm[inch]
(screwmounting)
ForPRAS2,PRDS2,
PRAS3,PRDS3,PTAS2
(weldingassembly)
ForPRAS2,PRDS2,
PRAS3,PRDS3,PTAS2
ForPRAS3,PRDS3
POSIROT ® 
Accessories 
Mounting plates
Incombinationwiththe
mountingclamps
PRPT-BFS1.
Incombinationwiththe
mountingclamps
PRPT-BFS1.
Incombinationwiththe
mountingbrackets
PRPT-BFS2.
Incombinationwiththe
mountingbrackets
PRPT-BFS2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com