Electronic Components Datasheet Search
  English  ▼

X  

THS4521 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # THS4521
Description  VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4521 Datasheet(HTML) 26 Page - Texas Instruments

Back Button THS4521 Datasheet HTML 22Page - Texas Instruments THS4521 Datasheet HTML 23Page - Texas Instruments THS4521 Datasheet HTML 24Page - Texas Instruments THS4521 Datasheet HTML 25Page - Texas Instruments THS4521 Datasheet HTML 26Page - Texas Instruments THS4521 Datasheet HTML 27Page - Texas Instruments THS4521 Datasheet HTML 28Page - Texas Instruments THS4521 Datasheet HTML 29Page - Texas Instruments THS4521 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 43 page
background image
Setting the Output Common-Mode Voltage
Single-Supply Operation
I
=
EXT
2V
(V
V )
50k
-
-
W
OCM
S+
S-
(2)
THS452x
R
G
R
F
R
O
R
O
R
G
R
F
R
IT
R
IT
V
S-
V
OCM
V
IN+
PD
Optional;
installedto
balance
impedanceseen
at V
IN+
V
OCM Control
PD Control
V
OUT-
V
OUT+
V
S+
0.22 F
m
0.22 F
m
V
S+
V
OCM
V
S-
100kW
100kW
I
EXT
Tointernal
V
circuit
OCM
Typical Performance Variation with Supply
THS4521
THS4522
THS4524
SBOS458B – DECEMBER 2008 – REVISED MAY 2009.................................................................................................................................................... www.ti.com
The output common-model voltage is set by the
To facilitate testing with common lab equipment, the
voltage at the VOCM pin. The internal common-mode
THS4521EVM allows for split-supply operation; most
control circuit maintains the output common-mode
of the characterization data presented in this data
voltage within 5-mV offset (typ) from the set voltage.
sheet is measured using split-supply power inputs.
If left unconnected, the common-mode set point is set
The device can easily be used with a single-supply
to midsupply by internal circuitry, which may be
power input without degrading performance.
overdriven from an external source. Figure 62
Figure 63 shows a dc-coupled single-supply circuit
represents the VOCM input. The internal VOCM circuit
with single-ended inputs. This circuit can also be
has typically 23 MHz of –3 dB bandwidth, which is
applied to differential input sources.
required for best performance, but it is intended to be
a dc bias input pin. A 0.22-
µF bypass capacitor is
recommended on this pin to reduce noise. The
external current required to overdrive the internal
resistor divider is given approximately by the formula
in Equation 2:
where:
• V
OCM is the voltage applied to the VOCM pin
Figure 63. THS4521 DC-Coupled Single-Supply
with Single-Ended Inputs
The input common-mode voltage range of the
THS4521,
THS4522,
and
THS4524
family
is
Figure 62. VOCM Input Circuit
designed to include the negative supply voltage. in
the circuit shown in Figure 63, the signal source is
referenced to ground. VOCM is set by an external
control source or, if left unconnected, the internal
Voltage
circuit defaults to midsupply. Together with the input
The THS4521, THS4522, and THS4524 family of
impedance of the amplifier circuit, RIT provides input
devices provide excellent performance across the
termination, which is also referenced to ground.
specified power-supply range of 2.5 V to 5.5 V with
Note that RIT and optional matching components are
only minor variations. The input and output voltage
added
to
the
alternate
input
to
balance
the
compliance ranges track with the power supply in
impedance at signal input.
nearly a 1:1 correlation. Other changes can be
observed in slew rate, output current drive, open-loop
gain, bandwidth, and distortion. Table 3 shows the
typical
variation
to
be
expected
in
these
key
performance parameters.
Table 3. Typical Performance Variation versus Power-Supply Voltage
PARAMETER
VS = 5 V
VS = 3.3 V
VS = 2.5 V
–3-dB Small-signal bandwidth
145 MHz
135 MHz
125 MHz
Slew rate (2-V step)
490 V/
µs
420 V/
µs
210 V/
µs
Harmonic distortion at 1 MHz, 2 VPP, RL = 1 kΩ
xxx
Second harmonic
–85 dBc
–85 dBc
–84 dBc
xxx
Third harmonic
–91 dBc
–90 dBc
–88 dBc
Open-loop gain
119 dB
116 dB
115 dB
Linear output current drive
55 mA
35 mA
24 mA
26
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): THS4521 THS4522 THS4524



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com