Electronic Components Datasheet Search
  English  ▼

X  

THS4521 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # THS4521
Description  VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4521 Datasheet(HTML) 29 Page - Texas Instruments

Back Button THS4521 Datasheet HTML 25Page - Texas Instruments THS4521 Datasheet HTML 26Page - Texas Instruments THS4521 Datasheet HTML 27Page - Texas Instruments THS4521 Datasheet HTML 28Page - Texas Instruments THS4521 Datasheet HTML 29Page - Texas Instruments THS4521 Datasheet HTML 30Page - Texas Instruments THS4521 Datasheet HTML 31Page - Texas Instruments THS4521 Datasheet HTML 32Page - Texas Instruments THS4521 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
Audio Performance
-50
60
70
80
90
100
110
120
-
-
-
-
-
-
-
0
5
10
15
20
Frequency(kHz)
TOTALHARMONICDISTORTION+NOISE
THS4521MeasuredonAPAnalyzer
THS4521
SignalGenerator
THS452x
24.9 W
1kW
1kW
1kW
1kW
24.9 W
V
OCM
PD
Open
Open
From
AP
Analyzer
V
OUT+
V
IN+
ToAP
Analyzer
V
S+
V
IN-
V
S-
0.22 F
m
0.22 F
m
V
OUT-
10
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
-
-
-
-
-
-
-
-
-
-
-
-
-
-
0
5k
10k
15k
20k
25k
30k
35k
Frequency(Hz)
Generator
THS4521
V
=5.0V
G=1V/V
R =1k
V
=1V
S+
F
OUT
RMS
W
10-kHzOUTPUTSPECTRUM
THS4521onAPAnalyzer
THS4521
THS4522
THS4524
www.ti.com.................................................................................................................................................... SBOS458B – DECEMBER 2008 – REVISED MAY 2009
The
THS4521,
THS4522,
and
THS4524
family
provide excellent audio performance with very low
quiescent power. To show performance in the audio
band, the device was tested with a SYS-2722 audio
analyzer from Audio Precision. THD+N and FFT tests
were
performed
at
1-VRMS
output
voltage.
Performance is the same on both 3.3-V and 5-V
supplies. Figure 68 shows the test circuit used;
Figure 69 and Figure 70 show the performance of the
analyzer using internal loopback mode (generator)
together with the THS4521. Note that the harmonic
distortion performance is very close to the same with
and without the device meaning the THS4521
performance is actually much better than can be
directly measured by this meathod. Using these
measurements
and
simuation,
we
estimate
the
second-order harmonic distortion to be –133 dBc and
Figure 69. THS4521 1-VRMS 20-Hz to 20-kHz
the third-order harmonic distortion to be –140 dBc at
THD+N
10 kHz. Note that the circuit of Figure 68 is also used
to measure crosstalk between channels on the
THS4522 and THS4524 using the crosstalk meter
function of the AP audio analyzer.
Figure 68. THS4521 AP Analyzer Test Circuit
Figure 70. THS4521 1-VRMS 10-kHz FFT Plot
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Link(s): THS4521 THS4522 THS4524



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com