Electronic Components Datasheet Search
  English  ▼

X  

WS7.0 Datasheet(PDF) 4 Page - ASM GmbH

Part # WS7.0
Description  Absolute or Incremental Encoder
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

WS7.0 Datasheet(HTML) 4 Page - ASM GmbH

  WS7.0 Datasheet HTML 1Page - ASM GmbH WS7.0 Datasheet HTML 2Page - ASM GmbH WS7.0 Datasheet HTML 3Page - ASM GmbH WS7.0 Datasheet HTML 4Page - ASM GmbH WS7.0 Datasheet HTML 5Page - ASM GmbH WS7.0 Datasheet HTML 6Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ASM
CAT-POS-E-2001
89
WS Position Sensors
Output Specification TSSI
The sensing device of the SSI is a 24-bit absolute multiturn encoder. The position
information is given by an analog/digital converter output serialized as a data word. The
processing unit (PLC, Microcomputer) sends pulse sequences which clocks the data
transmission at the required transfer rate. With the first falling edge of the pulse sequence
the position of the sensor is recorded and stored. The following rising edges control the
bit-by-bit transmission of the data word. After a delay time the next new position information
Note:
Extension of the cable length will reduce the
maximum transmission rate.
The signals CLOCK/CLOCK and DATA/DATA
must be connected in a twisted pair cable,
shielded per pair and common.
Description
Signal Conditioner
TSSI
Absolute Encoder
synchronous serial
Output
EIA RS-422, RS-485, short-circuit proof
Excitation Voltage
10 ... 30 V DC, reverse polarity protected
Excitation Current
250 mA max. without load
Clock Frequency
100 kHz ... 1 MHz
Code
Gray, continuous progression
Format
Tannenbaum
Delay between Pulse Trains
12 to 35 µs
Stability (Temperature)
±0.002% / K Full Scale (sensor mechanism)
Operation Temperature
-20 ... +85 °C
Immunity to Interference (EMC)
According to EN50082-2, EN50081-1
Recommended
Processing
Input Circuit
Sensor Circuit
Cable
Subsequent Circuit
Cable Length
Baud Rate
50 m
100 … 1000 kHz
100 m
100 … 300 kHz
· 4096 counts per revolution (12 bit), 4096 revolutions (12 bit)
· No Loss of Data at Power-down
· Easy to Connect to PLC’s with SSI Input Circuit
Signal Wiring /
Connection
(*) WS7.2 only
Signal Name
Cable Output (*)
Connector Pin
Excitation +
white
7
Excitation GND (0V)
brown
10
CLOCK
green
8
CLOCK
yellow
9
DATA
grey
14
DATA
pink
17
Data Format
(Train of 26 pulses)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com