Electronic Components Datasheet Search
  English  ▼

X  

WS7.0 Datasheet(PDF) 1 Page - ASM GmbH

Part # WS7.0
Description  Absolute or Incremental Encoder
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

WS7.0 Datasheet(HTML) 1 Page - ASM GmbH

  WS7.0 Datasheet HTML 1Page - ASM GmbH WS7.0 Datasheet HTML 2Page - ASM GmbH WS7.0 Datasheet HTML 3Page - ASM GmbH WS7.0 Datasheet HTML 4Page - ASM GmbH WS7.0 Datasheet HTML 5Page - ASM GmbH WS7.0 Datasheet HTML 6Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
58
CAT-POS-E-2001
ASM
Order Example: WS7.0 - 30000-5- PP530 - M4
WS7.0 Position Sensor
with Absolute or Incremental Encoder
Order Code Mating Conn. (see accessories p. 105)
WS-CONN-017S-M
Compact Industrial Sensor for Long Ranges
· Measurement Range:
0 ... 3750 mm to 0 ... 40000 mm
0 ... 147.6 in to 0 ... 1574.8 in
· With Absolute or Incremental Encoder Output
Specifications
Outputs
Incremental Encoder
Absolute Multiturn Encoder with synchronous
serial output TSSI / RS-485
Resolution
Incremental: 1, 5 or 10 pulses per mm;
25.4, 127 or 254 pulses per in
TSSI:
0.073 mm up to 30000 mm range
0.088 mm up to 40000 mm range
TSSI-P: 0.037 mm up to 30000 mm range
0.044 mm up to 40000 mm range
Material
Aluminium and Stainless Steel
Cable: Stainless Steel
Sensing device
Incremental or Absolute Encoder
Linearity
Up to ±0.05 % F.S., optional ±0.01 % F.S.
Weight
Up to 4 kg max.
Environmental
Immunity to Interference (EMC)
Refer to Output Specification
Temperature
Refer to Output Specification
Order code WS7.0
Model Name
Measurement Range (in mm)
3750 / 5000 / 7500 / 10000 / 15000 / 20000 / 25000 / 30000 / 40000
Pulses per mm for Incremental Output PP530
10
= 10 Pulses per mm; 254 pulses per in
5
= 5 Pulses per mm; 127 pulses per in
1
= 1 Pulse per mm; 25.4 pulses per in (not in the 40000 mm range)
Outputs
ME
= Mechanism only for installation of suitable multiturn encoders
PP530
= Incremental output
TSSI
= Multiturn encoder with synchronous serial output
TSSI-P
= TSSI prgrammable, RS232C, incremental signals
Other Outputs on Request (Interbus S, Profibus, CAN-Bus)
Linearity
L01
= ±0.01 %, related to the specified sensitivity on the label (PP530)
Option
M4
= M4 cable fixing
WS7.0
WS-CONN-D8
TSSI(-P):
Absolute/Incremental


Similar Part No. - WS7.0

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
WS7.5 ASM-SENSOR-WS7.5 Datasheet
668Kb / 17P
analog or SSI output
WS7.5-10000-10V-L05 ASM-SENSOR-WS7.5-10000-10V-L05 Datasheet
668Kb / 17P
analog or SSI output
WS7.5-10000-10V-L10 ASM-SENSOR-WS7.5-10000-10V-L10 Datasheet
668Kb / 17P
analog or SSI output
WS7.5-10000-10V-L25 ASM-SENSOR-WS7.5-10000-10V-L25 Datasheet
668Kb / 17P
analog or SSI output
WS7.5-10000-420A-L05 ASM-SENSOR-WS7.5-10000-420A-L05 Datasheet
668Kb / 17P
analog or SSI output
More results

Similar Description - WS7.0

ManufacturerPart #DatasheetDescription
logo
CUI INC
MEH9 CUI-MEH9 Datasheet
78Kb / 3P
incremental encoder
MES12 CUI-MES12 Datasheet
74Kb / 3P
incremental encoder
logo
List of Unclassifed Man...
580A316IR-60 ETC2-580A316IR-60 Datasheet
155Kb / 4P
Incremental Encoder
logo
ASM GmbH
WS11 ASM-SENSOR-WS11 Datasheet
64Kb / 2P
Position Sensor with Absolute or Incremental Encoder
WS19KK ASM-SENSOR-WS19KK Datasheet
407Kb / 8P
Position Sensor with Absolute or Incremental Encoder
WS60 ASM-SENSOR-WS60 Datasheet
481Kb / 12P
absolute or incremental encoder output
logo
IC-Haus GmbH
IC-WT ICHAUS-IC-WT Datasheet
731Kb / 13P
INCREMENTAL ENCODER
logo
CUI INC
MAS36 CUI-MAS36 Datasheet
47Kb / 1P
Incremental Encoder
MES3 CUI-MES3 Datasheet
298Kb / 5P
INCREMENTAL ENCODER
logo
TRINAMIC Motion Control...
TMC4330A TRINAMIC-TMC4330A Datasheet
3Mb / 166P
Encoder interface for incremental or serial encoders.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com