Electronic Components Datasheet Search
  English  ▼

X  

TLC5952DAPR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5952DAPR
Description  24-Channel, Constant-Current LED Driver with Global Brightness Control and LED Open-Short Detection
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5952DAPR Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLC5952DAPR Datasheet HTML 12Page - Texas Instruments TLC5952DAPR Datasheet HTML 13Page - Texas Instruments TLC5952DAPR Datasheet HTML 14Page - Texas Instruments TLC5952DAPR Datasheet HTML 15Page - Texas Instruments TLC5952DAPR Datasheet HTML 16Page - Texas Instruments TLC5952DAPR Datasheet HTML 17Page - Texas Instruments TLC5952DAPR Datasheet HTML 18Page - Texas Instruments TLC5952DAPR Datasheet HTML 19Page - Texas Instruments TLC5952DAPR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
40
35
30
25
20
15
10
5
0
0
32
96
128
BrightnessControlData(dec)
T =+25 C
°
A
64
16
112
80
48
I =26.6mA
(R=1.371k )
O
W
I =7.5mA
O
(R=4.8k )
W
I =1.5mA
O
(R=24k )
W
I =15mA
O
(R=2.4k )
W
V
=3.3V
CC
V
=5V
CC
30
25
20
15
10
5
0
0
10
30
35
OUTRn/GnOutputCurrent(mA)
T =+25 C
SIN=17.5MHz
SCLK=35MHz
BCR/G/B=7Fh
AllGroupOutput=On
°
A
20
5
25
15
V
=3.3V
CC
V
=5V
CC
30
25
20
15
10
5
0
0
10
30
OUTBnOutputCurrent(mA)
T =+25 C
SIN=17.5MHz
SCLK=35MHz
BCR/G/B=7Fh
AllGroupOutput=On
°
A
20
5
25
15
V
=3.3V
CC
V
=5V
CC
35
30
25
20
15
10
5
0
-
40
0
80
100
AmbientTemperature( C)
°
40
-
20
60
20
V
=5V
CC
V
=3.3V
CC
R=24k ,I
=2mA,I
=1.5mA
W
O (Rn/Gn)
O (Bn)
R=2.4k ,I
=20mA,I
=15mA
W
O (Rn/Gn)
O (Bn)
R=1.37k ,I
=35mA
I
=26.2mA
W
O (Rn/Gn)
O (Bn)
SIN=17.5MHz,SCLK=35MHz,
BCR/G/B=7Fh,AllGroupOutput=On
Time(12.5ns/div)
I
=32mA
,T =+25 C
V
=3.3V,V
=5V
I
=24mA
R
=1.5k
R =120
C =15pF
W
W,
°
OLCMax (R)
L
L
OLCMAX (B)
IREF
A
LED
CC
CH1(2V/div)
CH2(2V/div)
CH3(2V/div)
CH1-BLANK
(15ns)
CH2-OUTR0
(BLANK=15ns)
CH3-OUTB0
(BLANK=15ns)
TLC5952
SBVS129 – MAY 2009........................................................................................................................................................................................................ www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C and VCC = 3.3 V, unless otherwise noted.
GLOBAL BRIGHTNESS CONTROL LINEARITY
SUPPLY CURRENT vs OUTPUT CURRENT
(BLUE Color Group)
(RED and GREEN Color Group)
Figure 28.
Figure 29.
SUPPLY CURRENT vs OUTPUT CURRENT
(BLUE Color Group)
SUPPLY CURRENT vs AMBIENT TEMPERATURE
Figure 30.
Figure 31.
CONSTANT-CURRENT OUTPUT VOLTAGE WAVEFORM
Figure 32.
16
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TLC5952



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com