Electronic Components Datasheet Search
  English  ▼

X  

TLC5952DAPR Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5952DAPR
Description  24-Channel, Constant-Current LED Driver with Global Brightness Control and LED Open-Short Detection
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5952DAPR Datasheet(HTML) 23 Page - Texas Instruments

Back Button TLC5952DAPR Datasheet HTML 19Page - Texas Instruments TLC5952DAPR Datasheet HTML 20Page - Texas Instruments TLC5952DAPR Datasheet HTML 21Page - Texas Instruments TLC5952DAPR Datasheet HTML 22Page - Texas Instruments TLC5952DAPR Datasheet HTML 23Page - Texas Instruments TLC5952DAPR Datasheet HTML 24Page - Texas Instruments TLC5952DAPR Datasheet HTML 25Page - Texas Instruments TLC5952DAPR Datasheet HTML 26Page - Texas Instruments TLC5952DAPR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
THERMAL SHUTDOWN (TSD)
NOISE REDUCTION
CAPACITOR SELECTION
TLC5952
www.ti.com........................................................................................................................................................................................................ SBVS129 – MAY 2009
As shown in Table 5, LOD and LSD data cannot be checked simultaneously. LOD/LSD data are not valid when
TEF is active because all outputs are forced off.
The TEF bit indicates that the IC junction temperature exceeds the temperature threshold (TTEF = +165°C, typ).
The TEF bit also indicates that the IC has turned off all drivers to avoid overheating. The IC automatically turns
the drivers back on when the IC temperature decreases to less than TTEF – THYS. The TEF data are held in the
TEF holder latch until the TEF data are loaded into the common shift register by the rising edge of LAT. If the IC
temperature falls below TTEF – THYS when LAT goes high, the TEF data in the TEF holder become '0'. If the IC
temperature is not below TTEF – THYS when LAT goes high, then the TEF data remain '1'. Table 5 shows a truth
table for LOD/LSD and TEF. Figure 36 to Figure 39 show different examples of LOD/LSD/TEF operation.
Table 5. LOD/LSD/TEF Truth Table
CONDITION
LED OPEN DETECTION
(LOD, Voltage Select Data =
LED SHORT DETECTION
SID DATA
0h to 3h)
(LSD, Voltage Select Data = 4h to 7h)
THERMAL ERROR FLAG (TEF)
LED is not open or the output is off
LED is not shorted or the output is off
Junction temperature is lower than the
(VOUTRn/Gn/Bn is greater than the
(VOUTRn/Gn/Bn is less than or equal to
detect temperature (TTEF) before TEF
0
voltage selected by the detection
the voltage selected by the detection
is undetected or the detect temperature
voltage select bit in the
voltage select bit in the
(TTEF – THYS) after TEF is detected
control data latch)
control data latch)
LED is open or shorted to GND
LED terminal is short or OUTn is short
(VOUTRn/Gn/Bn is less than or equal to
to higher voltage (VOUTn is greater than
Junction temperature is higher than the
1
the voltage selected by the detection
The selected voltage by detection
detect temperature (TTEF)
voltage select bit in the
voltage select bit in the
control data latch)
control data latch)
The thermal shutdown (TSD) function turns off all constant-current outputs when the IC junction temperature (TJ)
exceeds the temperature threshold (TTEF = +165°C, typ). The outputs remain disabled as long as the
over-temperature condition exists. The outputs are turned on again after the IC junction temperature drops below
(TTEF – THYS).
Large surge currents may flow through the IC and the board on which the device is mounted if all 24 LED
channels turn on simultaneously when BLANK goes low. These large current surges could induce detrimental
noise and electromagnetic interference (EMI) into other circuits. The TLC5952 turns the LED channels on in a
series delay to provide a circuit soft-start feature.
A small delay circuit is implemented between each output. When all bits of the on/off data latch are set to '1',
each constant-current output turns on in order (OUTR0, OUTG0, OUTB0, OUTR1, OUTG1, OUTB1,
OUTR2-OUTB6, OUTR7, OUTG7, and OUTB7) with a small delay between each output after BLANK goes low
or LAT goes high; see Figure 34. Both turn-on and turn-off are delayed.
Connect at least one 10-nF ceramic capacitor as close as possible between the VCC pin and ground. Additional
capacitors are needed on the LED power supply to reduce ripple on the LED power supply to a minimum.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): TLC5952



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com