Electronic Components Datasheet Search
  English  ▼

X  

TLC59025IPWR Datasheet(PDF) 1 Page - Texas Instruments

Part # TLC59025IPWR
Description  LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC59025IPWR Datasheet(HTML) 1 Page - Texas Instruments

  TLC59025IPWR Datasheet HTML 1Page - Texas Instruments TLC59025IPWR Datasheet HTML 2Page - Texas Instruments TLC59025IPWR Datasheet HTML 3Page - Texas Instruments TLC59025IPWR Datasheet HTML 4Page - Texas Instruments TLC59025IPWR Datasheet HTML 5Page - Texas Instruments TLC59025IPWR Datasheet HTML 6Page - Texas Instruments TLC59025IPWR Datasheet HTML 7Page - Texas Instruments TLC59025IPWR Datasheet HTML 8Page - Texas Instruments TLC59025IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION/ORDERING INFORMATION
TLC59025
www.ti.com ...................................................................................................................................................................................................... SLVS934 – JUNE 2009
LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
• 16 Constant-Current Output Channels
• Schmitt-Trigger Inputs
• Matches Industry Standard IOUT to External
• 3.3-V to 5-V Supply Voltage
Resistor Ratio
• Thermal Shutdown for Overtemperature
• Constant Output Current Invariant to Load
Protection
Voltage Change
• ESD Performance: 1-kV HBM
• Excellent Output Current Accuracy:
–
Between Channels: < ±5% (Max)
• Gaming Machine / Entertainment
–
Between ICs: < ±6% (Max)
• General LED Applications
• Constant Output Current Range:
• LED Display Systems
3 mA to 45 mA
• Signs LED Lighting
• Output Current Adjusted By External Resistor
• White Goods
• Fast Response of Output Current, OE (Min):
100 ns
• 30-MHz Clock Frequency
The TLC59025 is designed for LED displays and LED lighting applications. The TLC59025 contains a 16-bit shift
register and data latches, which convert serial input data into parallel output format. At the TLC59025 output
stage, 16 regulated-current ports provide uniform and constant current for driving LEDs within a wide range of VF
variations. Used in system design for LED display applications (e.g., LED panels), the TLC59025 provides great
flexibility and device performance. Users can adjust the output current from 3 mA to 45 mA through an external
resistor, Rext, which gives flexibility in controlling the light intensity of LEDs. TLC59025 is designed for up to 17 V
at the output port. The high clock frequency, 30 MHz, also satisfies the system requirements of high-volume data
transmission.
The serial data is transferred into TLC59025 via SDI, shifted in the shift register, and transferred out via SDO. LE
can latch the serial data in the shift register to the output latch. OE enables the output drivers to sink current.
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
PW
Reel of 2000
TLC59025IPWR
PREVIEW
–40°C to 85°C
W-SOIC – DW
Reel of 2000
TLC59025IDWR
PREVIEW
SSOP – DBQ
Reel of 2000
TLC59025IDBQR
TLC59025
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TLC59025IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5902 TI-TLC5902 Datasheet
306Kb / 22P
LED DRIVER
TLC5902 TI1-TLC5902 Datasheet
334Kb / 23P
LED DRIVER
TLC5902HTQFP TI-TLC5902HTQFP Datasheet
306Kb / 22P
LED DRIVER
TLC5902PZP TI1-TLC5902PZP Datasheet
334Kb / 23P
LED DRIVER
TLC5902 TI1-TLC5902_05 Datasheet
334Kb / 23P
LED DRIVER
More results

Similar Description - TLC59025IPWR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBI5026 ETC-MBI5026 Datasheet
381Kb / 14P
16-bit Constant Current LED Sink Driver
logo
Texas Instruments
TLC5925 TI-TLC5925 Datasheet
666Kb / 22P
LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
TLC5925 TI-TLC5925_09 Datasheet
705Kb / 23P
LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
logo
STMicroelectronics
STP16CPC26 STMICROELECTRONICS-STP16CPC26 Datasheet
427Kb / 26P
Low voltage 16-bit constant current LED sink driver
29-Jan-2013
STP16CPC26XTR STMICROELECTRONICS-STP16CPC26XTR Datasheet
427Kb / 26P
Low voltage 16-bit constant current LED sink driver
29-Jan-2013
logo
Texas Instruments
TLC59116-Q1 TI1-TLC59116-Q1 Datasheet
422Kb / 39P
16-Channel Constant-Current LED Sink Driver
TLC5925 TI1-TLC5925_15 Datasheet
1Mb / 28P
Low-Power 16-Channel Constant-Current LED Sink Driver
logo
STMicroelectronics
STP16CPP05 STMICROELECTRONICS-STP16CPP05 Datasheet
1Mb / 31P
Low voltage 16-bit constant current LED sink driver
March 2017 Rev 5
logo
Princeton Technology Co...
PT6726 PTC-PT6726 Datasheet
193Kb / 3P
16-Channel Constant Current Sink for LED Driver
logo
List of Unclassifed Man...
MBI5025 ETC1-MBI5025 Datasheet
387Kb / 18P
16-channel Constant Current LED Sink Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com