Electronic Components Datasheet Search
  English  ▼

X  

TLC59025IPWR Datasheet(PDF) 9 Page - Texas Instruments

Part # TLC59025IPWR
Description  LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC59025IPWR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLC59025IPWR Datasheet HTML 5Page - Texas Instruments TLC59025IPWR Datasheet HTML 6Page - Texas Instruments TLC59025IPWR Datasheet HTML 7Page - Texas Instruments TLC59025IPWR Datasheet HTML 8Page - Texas Instruments TLC59025IPWR Datasheet HTML 9Page - Texas Instruments TLC59025IPWR Datasheet HTML 10Page - Texas Instruments TLC59025IPWR Datasheet HTML 11Page - Texas Instruments TLC59025IPWR Datasheet HTML 12Page - Texas Instruments TLC59025IPWR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Switching Characteristics
TLC59025
www.ti.com ...................................................................................................................................................................................................... SLVS934 – JUNE 2009
VDD = 3 V, TJ = –40°C to 125°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH1
Low-to-high propagation delay time, CLK to OUTn
30
45
60
ns
tPLH2
Low-to-high propagation delay time, LE to OUTn
30
45
60
ns
tPLH3
Low-to-high propagation delay time, OE to OUTn
30
45
60
ns
tPLH4
Low-to-high propagation delay time, CLK to SDO
30
40
ns
tPHL1
High-to-low propagation delay time, CLK to OUTn
40
65
100
ns
tPHL2
High-to-low propagation delay time, LE to OUTn
40
65
100
ns
tPHL3
High-to-low propagation delay time, OE to OUTn
40
65
100
ns
tPHL4
High-to-low propagation delay time, CLK to SDO
30
40
ns
tw(CLK)
Pulse duration, CLK
15
ns
VIH = VDD, VIL = GND,
tw(L)
Pulse duration LE
Rext = 720 Ω, VL = 4 V,
15
ns
RL = 88 Ω, CL = 10 pF
tw(OE)
Pulse duration, OE
300
ns
th(D)
Hold time, SDI
2
ns
tsu(D)
Setup time, SDI
3
ns
th(L)
Hold time, LE
5
ns
tsu(L)
Setup time, LE
5
ns
tr
Rise time, CLK(1)
500
ns
tf
Fall time, CLK(1)
500
ns
tor
Rise time, outputs (off)
35
50
70
ns
tof
Rise time, outputs (on)
15
50
120
ns
fCLK
Clock frequency
Cascade operation
30
MHz
(1)
If the devices are connected in cascade and tr or tf is large, it may be critical to achieve the timing required for data transfer between two
cascaded devices.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TLC59025



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com