Electronic Components Datasheet Search
  English  ▼

X  

TUSB2040 Datasheet(PDF) 14 Page - Texas Instruments

Part # TUSB2040
Description  4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2040 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TUSB2040 Datasheet HTML 9Page - Texas Instruments TUSB2040 Datasheet HTML 10Page - Texas Instruments TUSB2040 Datasheet HTML 11Page - Texas Instruments TUSB2040 Datasheet HTML 12Page - Texas Instruments TUSB2040 Datasheet HTML 13Page - Texas Instruments TUSB2040 Datasheet HTML 14Page - Texas Instruments TUSB2040 Datasheet HTML 15Page - Texas Instruments TUSB2040 Datasheet HTML 16Page - Texas Instruments TUSB2040 Datasheet HTML 17Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
TUSB2040A
4-PORT HUB FOR THE UNIVERSAL SERIAL BUS
WITH OPTIONAL SERIAL EEPROM INTERFACE
SLLS288B – JANUARY 1998 – REVISED MARCH 1998
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
self-powered hub, individual port power management
A self-powered TUSB2040A is capable of supplying 500 mA of current for low-power or high-power device class
functions to each downstream port. Self-powered hubs are required to implement overcurrent protection.
Individual port-power management (see Figure 12) utilizes the TPS2014 power switching and overcurrent
protection that provide maximum robustness to the hub system. When the hub detects a downstream port fault,
power is removed from the faulty port only, thus allowing other ports to continue normal operation. Individual
SN75240 transient suppressors reduce in-rush current and voltage spikes. The TPS7133 low-dropout regulator
provides a power good (PG) signal for reset at power up.
48-MHz Clock
Signal‡
BUSPWR/SCL
GANGED/SDA
DP1
DM1
DP2
DM2
DP3
DM3
DP4
PWRON1
PWRON2
PWRON3
PWRON4
OVRCUR1
OVRCUR2
OVRCUR3
OVRCUR4
DM4
DP0
DM0
VCC
GND
XTAL1
XTAL2
EXTMEM
RESET
5 V
3.3 V
GND
D +
D –
Upstream
Port
TPS7133†
SN75240†
EN
IN
OC OUT
D +
D –
5 V
GND
D +
D –
5 V
D +
D –
5 V
D +
D –
5 V
3.3 V
Downstream
Ports
5-V Board Power
Supply
TUSB2040A
TPS2014†
A
B
C
D
120
µF§
SN75240†
A
B
C
D
GND
GND
GND
0.1
µF
EN
IN
OC OUT
TPS2014†
0.1
µF
EN
IN
OC OUT
TPS2014†
0.1
µF
EN
IN
OC OUT
TPS2014†
0.1
µF
120
µF§
120
µF§
120
µF§
Figure 12. TUSB2040A Self-Powered Hub, Individual Port-Power Management Application
† TPS2014, TPS7133, and SN75240 are Texas Instruments devices.
‡ See Figures 7 and 8.
§ Minimum value required per USB specification, version 1.0.
SN75240†
A
B
5 V
GND
C
D
4.7
µF
0.1
µF
4.7
µF
PG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com