Electronic Components Datasheet Search
  English  ▼

X  

TPS22906 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22906
Description  ULTRA-SMALL, LOW-INPUT VOLTAGE, LOW rON LOAD SWITCH
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22906 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS22906 Datasheet HTML 9Page - Texas Instruments TPS22906 Datasheet HTML 10Page - Texas Instruments TPS22906 Datasheet HTML 11Page - Texas Instruments TPS22906 Datasheet HTML 12Page - Texas Instruments TPS22906 Datasheet HTML 13Page - Texas Instruments TPS22906 Datasheet HTML 14Page - Texas Instruments TPS22906 Datasheet HTML 15Page - Texas Instruments TPS22906 Datasheet HTML 16Page - Texas Instruments TPS22906 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Time ( s)
µ
–250
–100
0.0
100
200
300
400
500
600
750
3.5
3.2
1.2
1.0
1.4
1.6
1.8
2.2
2.2
2.4
2.6
2.8
3.0
–0.5
–0.2
0.6
0.2
0.0
0.8
0.4
0.35
0.32
0.12
0.10
0.14
0.16
0.18
0.20
0.22
0.24
0.26
0.28
0.30
–0.05
–0.02
0.06
0.02
0.00
0.08
0.04
C = 0.1 F
R = 11
V
= 3.3 V
L
L
IN
µ
I
OUT
V
ON
Time ( s)
µ
–5000
–200
0.0
200
400
600
800
1200
1000
1500
0.01
–0.00
0.00
C = 0.1 F
R = 500
V
= 3.3 V
L
L
IN
µ
I
OUT
V
ON
0.12
0.11
0.01
0.00
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.10
–0.04
–0.03
–0.02
–0.01
0.05
Time ( s)
µ
–250
–100
0.0
100
200
300
400
500
600
750
3.5
3.2
1.2
1.1
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
–0.5
–0.2
0.6
0.2
0.0
0.8
0.4
0.35
0.32
0.12
0.10
0.14
0.16
0.18
0.20
0.22
0.24
0.26
0.28
0.30
–0.05
–0.02
0.06
0.02
0.00
0.08
0.04
C = 3 F
R = 11
V
= 3.3 V
L
L
IN
µ
I
OUT
V
ON
Time ( s)
µ
–5000
–200
0.0
200
400
600
800
1200
1000
1500
0.01
–0.00
0.00
C = 3 F
R = 500
V
= 3.3 V
L
L
IN
µ
I
OUT
V
ON
1.2
1.1
0.1
0.0
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
–0.4
–0.3
–0.2
–0.1
0.05
Time ( s)
µ
–250
–100
0.0
100
200
300
400
500
600
750
3.5
3.2
1.2
1.0
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
–0.5
–0.2
0.6
0.2
0.0
0.8
0.4
0.35
0.32
0.12
0.10
0.14
0.16
0.18
0.20
0.22
0.24
0.26
0.28
0.30
–0.05
–0.02
0.06
0.02
0.00
0.08
0.04
C = 0.1 F
R = 11
V
= 1.2 V
L
L
IN
µ
I
OUT
V
ON
Time ( s)
µ
–50
–20
0.0
20
40
60
80
120
100
150
0.01
–0.00
0.00
C = 0.1 F
R = 500
V
= 1.2 V
L
L
IN
µ
I
OUT
V
ON
1.2
1.1
0.1
0.0
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
–0.4
–0.3
–0.2
–0.1
0.05
TPS22906
www.ti.com................................................................................................................................................................................................... SLVS921 – MARCH 2009
TYPICAL CHARACTERISTICS (continued)
Figure 22. tOFF Response
Figure 23. tOFF Response
Figure 24. tOFF Response
Figure 25. tOFF Response
Figure 26. tOFF Response
Figure 27. tOFF Response
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TPS22906



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com