Electronic Components Datasheet Search
  English  ▼

X  

TPS22906 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22906
Description  ULTRA-SMALL, LOW-INPUT VOLTAGE, LOW rON LOAD SWITCH
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22906 Datasheet(HTML) 3 Page - Texas Instruments

  TPS22906 Datasheet HTML 1Page - Texas Instruments TPS22906 Datasheet HTML 2Page - Texas Instruments TPS22906 Datasheet HTML 3Page - Texas Instruments TPS22906 Datasheet HTML 4Page - Texas Instruments TPS22906 Datasheet HTML 5Page - Texas Instruments TPS22906 Datasheet HTML 6Page - Texas Instruments TPS22906 Datasheet HTML 7Page - Texas Instruments TPS22906 Datasheet HTML 8Page - Texas Instruments TPS22906 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
THERMAL IMPEDANCE RATING
RECOMMENDED OPERATING CONDITIONS
TPS22906
www.ti.com................................................................................................................................................................................................... SLVS921 – MARCH 2009
TERMINAL FUNCTIONS
TERMINAL
DESCRIPTION
BALL NO.
NAME
A1
VOUT
Switch output
A2
VIN
Switch input, bypass this input with a ceramic capacitor to ground
B1
GND
Ground
B2
ON
Switch control input, active high
MIN
MAX
UNIT
VIN
Input voltage range
–0.3
4
V
VOUT
Output voltage range
VIN + 0.3
V
VON
Input voltage range
–0.3
4
V
PD
Power dissipation at TA = 25°C
0.48
W
IMAX
Maximum continuous switch current
500
mA
TA
Operating free-air temperature range
–40
85
°C
Tstg
Storage temperature range
–65
150
°C
Tlead
Maximum lead temperature (10-s soldering time)
300
°C
Human-Body Model (HBM)
2000
ESD
Electrostatic discharge protection
V
Charged-Device Model (CDM)
1000
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
UNIT
θ
JA
Package thermal impedance(1)
YZV package
123
°C/W
(1)
The package thermal impedance is calculated in accordance with JESD 51-7.
MIN
MAX
UNIT
VIN
Input voltage range
1
3.6
V
VOUT
Output voltage range
VIN
V
VIH
High-level input voltage, ON
0.85
3.6
V
VIL
Low-level input voltage, ON
0.4
V
CIN
Input capacitor
1(1)
µF
(1)
See Application Information.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS22906



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com