Electronic Components Datasheet Search
  English  ▼

X  

TUSB2077 Datasheet(PDF) 7 Page - Texas Instruments

Part # TUSB2077
Description  7-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2077 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TUSB2077 Datasheet HTML 3Page - Texas Instruments TUSB2077 Datasheet HTML 4Page - Texas Instruments TUSB2077 Datasheet HTML 5Page - Texas Instruments TUSB2077 Datasheet HTML 6Page - Texas Instruments TUSB2077 Datasheet HTML 7Page - Texas Instruments TUSB2077 Datasheet HTML 8Page - Texas Instruments TUSB2077 Datasheet HTML 9Page - Texas Instruments TUSB2077 Datasheet HTML 10Page - Texas Instruments TUSB2077 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
TUSB2077A
7-PORT HUB FOR THE UNIVERSAL SERIAL BUS
WITH OPTIONAL SERIAL EEPROM INTERFACE
SLLS414 – MARCH 2000
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
CL
15 k
Ω
15 k
Ω
CL
Full
Low
V(TERM) = VCC
1.5 k
Ω
DP
DM
22
Ω
22
Ω
Characterization
measurement point
Figure 1. Differential Driver Switching Load
90%
10%
tr
90%
10%
VOH
VOL
DM
DP
tf
90%
10%
tr
10%
tf
90%
NOTE: The tr/tf ratio is measured as tr(DP)/tf(DM) and tr(DM)/tf(DP) at each crossover point.
Figure 2. Differential Driver Timing Waveforms
0.5
0
01
2
1
1.5
34
VICR – Common Mode Input Range – V
0.8
3.6
0.2
1.3
2.5
Figure 3. Differential Receiver Input Sensitivity vs. Common Mode Input Range
Vhys
VIT+
VIT–
VCC
VIH
VIL
0 V
Logic high
Logic low
Figure 4. Single-Ended Receiver Input Signal Parameter Definitions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com