Electronic Components Datasheet Search
  English  ▼

X  

TUSB2077 Datasheet(PDF) 9 Page - Texas Instruments

Part # TUSB2077
Description  7-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2077 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TUSB2077 Datasheet HTML 5Page - Texas Instruments TUSB2077 Datasheet HTML 6Page - Texas Instruments TUSB2077 Datasheet HTML 7Page - Texas Instruments TUSB2077 Datasheet HTML 8Page - Texas Instruments TUSB2077 Datasheet HTML 9Page - Texas Instruments TUSB2077 Datasheet HTML 10Page - Texas Instruments TUSB2077 Datasheet HTML 11Page - Texas Instruments TUSB2077 Datasheet HTML 12Page - Texas Instruments TUSB2077 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
TUSB2077A
7-PORT HUB FOR THE UNIVERSAL SERIAL BUS
WITH OPTIONAL SERIAL EEPROM INTERFACE
SLLS414 – MARCH 2000
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
The following sections provide block diagram examples of how to implement the TUSB2077A device. Please
note, even though no resistors are shown, pullup, pulldown and series resistors must still be used to properly
implement this device.
Figure 6 is a block diagram example of how to connect the external EEPROM if a custom Product ID and Vendor
ID are desired.
Figure 7 is an example of how to generate the 6-MHz clock signal. Figure 8 shows the EEPROM Read Operation
Timing Diagram. Figures 9, 10, and 11 illustrate how to connect the TUSB2077A device for different power
source and port power management combinations.
1 k
Ω
DP0
DM0
EEDATA
TUSB2077A USB Hub
System
Power-On Reset
Regulator
Power
Switching
OVRCUR1 –
OVRCUR7
PWRON1 –
PWRON7
EECLK
RESET
XTAL1
EXTMEM
VCC
GND
DP1 – DP7
DM1 – DM7
GND
Vbus
5 V GND
XTAL2
USB Data lines
and Power to
Downstream
Ports
Bus or Local Power
6-MHz Clock
Signal
7
7
7
7
45
44
6
3
4
8
7
9, 46
5, 24, 43
14, 18, 22, 27, 31, 35, 39
12, 16, 20, 25, 29, 33, 37
13, 17, 21, 26, 30, 34, 38
11, 15, 19, 23, 28, 32, 36
5
8
6
2
4
3
ORG
VCC
VSS
D
Q
C
S
1
EEPROM
3.3 V
47
Figure 6. Typical Application of the TUSB2077A USB Hub
XTAL1
XTAL2
NOTE A: Figure 7 assumes a 6 MHz fundamental crystal that is parallel loaded. The component values of C1, C2 and Rd were determined
using a crystal from Fox Electronics – part number HC49U–6.00MHz30\50\0
±70\20 which means ±30 ppm at 25°C and 50 ppm from
0
°C to 70°C. The characteristics for the crystal are load capacitance (CL) of 20 pF, maximum shunt capacitance (Co) of 7 pF and the
maximum ESR of 50
Ω. In order to insure enough negative resistance, use C1 = C2 = 27 pF. The resistor Rd is used to trim the gain,
and Rd = 1.5 kΩ is recommended.
Rd
C2
C1
CL
Figure 7. Crystal Tuning Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com