Electronic Components Datasheet Search
  English  ▼

X  

LTC4066 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC4066
Description  USB Power Controller and Li-Ion Linear Charger with Low Loss Ideal Diode
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4066 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC4066 Datasheet HTML 14Page - Linear Technology LTC4066 Datasheet HTML 15Page - Linear Technology LTC4066 Datasheet HTML 16Page - Linear Technology LTC4066 Datasheet HTML 17Page - Linear Technology LTC4066 Datasheet HTML 18Page - Linear Technology LTC4066 Datasheet HTML 19Page - Linear Technology LTC4066 Datasheet HTML 20Page - Linear Technology LTC4066 Datasheet HTML 21Page - Linear Technology LTC4066 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
LTC4066/LTC4066-1
18
4066fc
APPLICATIONS INFORMATION
Programming Charge Current
The formula for the battery charge current is:
II
V
R
CHG
PROG
PROG
PROG
=
()
=
•,
•,
50 000
50 000
where VPROG is the PROG pin voltage and RPROG is the
total resistance from the PROG pin to ground. Keep in
mind that when the LTC4066/LTC4066-1 are powered
from the IN pin, the programmed input current limit takes
precedence over the charge current. In such a scenario,
the charge current cannot exceed the programmed input
current limit.
For example, if typical 500mA charge current is required,
calculate:
R
V
mA
k
PROG
= ⎛
⎝⎜
⎞
⎠⎟
=
1
500
50 000
100
•,
For best stability over temperature and time, 1% metal
film resistors are recommended. Under trickle charge
conditions, this current is reduced to 10% of the full-
scale value.
Monitoring Charge Current
The ISTAT and POL pins provide a means for monitoring
the BAT pin current. The ISTAT pin sources a current equal
to one-thousandth of the absolute value of the current
flowing in the BAT pin. The POL pin indicates the polarity
of the BAT pin current. When current is flowing from OUT
to BAT (i.e., charging), the POL pin pulls to ground. When
current is flowing from BAT to OUT (ideal diode), the POL
pin assumes a high impedance. If a resistor, RISTAT, is
placed from the ISTAT pin to ground, then the formula for
BAT current is:
I
V
R
BAT
ISTAT
ISTAT
=
• 1000
where VISTAT is the ISTAT pin voltage and RISTAT is the total
resistance from the ISTAT pin to ground. These pins enable
a true gas gauge function to be performed on the battery
with an external ADC and integrator. See Gas Gauge for
more information.
The Charge Timer
The programmable charge timer is used to terminate the
charge cycle. The timer duration is programmed by an
external capacitor at the TIMER pin. The charge time is
typically:
t
Hours
C
R
Hours
Fk
TIMER
TIMER
PROG
()
••
.•
=
μ
3
0 1
100
The timer starts when an input voltage greater than the
undervoltage lockout threshold level is applied or when
leaving shutdown and the voltage on the battery is less than
the recharge threshold. At power-up or exiting shutdown
with the battery voltage less than the recharge threshold,
the charge time is a full cycle. If the battery is greater than
the recharge threshold, the timer will not start and charging
is prevented. If after power-up the battery voltage drops
below the recharge threshold, or if after a charge cycle
the battery voltage is still below the recharge threshold,
the charge time is set to one-half of a full cycle.
The LTC4066/LTC4066-1 have a feature that extends charge
time automatically. Charge time is extended if the charge
current in constant-current mode is reduced due to load
current or thermal regulation. This change in charge time
is inversely proportional to the change in charge current.
As the LTC4066/LTC4066-1 approach constant-voltage
mode the charge current begins to drop. This change in
charge current is due to normal charging operation and
does not affect the timer duration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com