Electronic Components Datasheet Search
  English  ▼

X  

LTC4066 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4066
Description  USB Power Controller and Li-Ion Linear Charger with Low Loss Ideal Diode
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4066 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4066 Datasheet HTML 2Page - Linear Technology LTC4066 Datasheet HTML 3Page - Linear Technology LTC4066 Datasheet HTML 4Page - Linear Technology LTC4066 Datasheet HTML 5Page - Linear Technology LTC4066 Datasheet HTML 6Page - Linear Technology LTC4066 Datasheet HTML 7Page - Linear Technology LTC4066 Datasheet HTML 8Page - Linear Technology LTC4066 Datasheet HTML 9Page - Linear Technology LTC4066 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LTC4066/LTC4066-1
6
4066fc
TYPICAL PERFORMANCE CHARACTERISTICS
Regulated Output Voltage–
Recharge Threshold Voltage
vs Temperature
Input RON vs Temperature
Battery Current and Voltage
vs Time (LTC4066)
Charging from USB, IBAT vs VBAT
(LTC4066)
Charging from USB, Low Power,
IBAT vs VBAT (LTC4066)
Undervoltage Current Limit
IBAT vs VOUT
Charge Current vs Temperature
(Thermal Regulation)
Ideal Diode Current vs Forward
Voltage and Temperature
Ideal Diode Resistance and
Current vs Forward Voltage
TEMPERATURE (°C)
–50
95
100
105
25
75
4066 G10
90
85
80
–25
0
50
110
115
120
100
VIN = 5V
TEMPERATURE (°C)
–50
75
100
125
150
175
225
–25
025
50
4066 G11
75
100
200
ILOAD = 400mA
VIN = 4.5V
VIN = 5.5V
VIN = 5V
TIME (MINUTES)
0
0
100
200
300
400
500
600
0
1
2
3
4
5
6
50
100
150
4066 G12
400mAhr CELL
VIN = 5V
TA = 25°C
RPROG = 105k
VBAT (V)
0
0
100
300
400
500
1.0
2.0 2.5
4.5
4066 G13
200
0.5
1.5
3.0 3.5 4.0
600
VIN = 5V
VOUT = NO LOAD
RPROG = 100k
RCLPROG = 2k
HPWR = 5V
TA = 25°C
VBAT (V)
0
0
20
60
80
100
1.0
2.0 2.5
4.5
4066 G14
40
0.5
1.5
3.0 3.5 4.0
120
VIN = 5V
VOUT = NO LOAD
RPROG = 100k
RCLPROG = 2k
HPWR = 0V
TA = 25°C
VOUT (V)
4.00
0
250
500
750
1000
1250
1500
4.10
4.20
4.30
4.40
4066 G15
4.50
TA = 25°C
WALL = 2V
VBAT = 3.5V
RPROG = 34k
RPROG = 50k
RPROG = 100k
TEMPERATURE (°C)
–50
0
250
500
750
1000
–25
0
25
50
4066 G16
75
100
125
RPROG = 50k
RPROG = 100k
VIN = 5V
VBAT = 3.5V
JA = 43°C/W
VFWD (mV)
0
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
160
4066 G17
40
80
120
200
140
20
60
100
180
–50°C
0°C
25°C
75°C
125°C
VBAT = 3.7V
VIN = 0V
VFWD (mV)
0
0
0.5
1.5
2.0
2.5
120 140 160 180
4.5
4066 G18
1.0
20 40 60 80 100
200
3.0
3.5
4.0
0
25
75
100
125
225
50
150
175
200
RFWD
VBAT = 3.5V
VIN = 0V
TA = 25°C
RDIO(ON)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com