Electronic Components Datasheet Search
  English  ▼

X  

TPS65573DSST Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS65573DSST
Description  INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65573DSST Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS65573DSST Datasheet HTML 3Page - Texas Instruments TPS65573DSST Datasheet HTML 4Page - Texas Instruments TPS65573DSST Datasheet HTML 5Page - Texas Instruments TPS65573DSST Datasheet HTML 6Page - Texas Instruments TPS65573DSST Datasheet HTML 7Page - Texas Instruments TPS65573DSST Datasheet HTML 8Page - Texas Instruments TPS65573DSST Datasheet HTML 9Page - Texas Instruments TPS65573DSST Datasheet HTML 10Page - Texas Instruments TPS65573DSST Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Charging Control
TPS65573
www.ti.com................................................................................................................................................................................................... SLVS868 – MARCH 2009
Figure 5 shows a timing diagram at beginning/ending. The TPS65573 provides three comparators to control the
charging operation. U1 is the VFULL comparator to detect the charge completion, U2 is the VZERO comparator to
detect the turn-on time of the power SW, and U3 is the IPEAK comparator to detect the turn-off time of the power
SW.
Figure 5. Beginning/Ending Timing
While the power SW is ON, the IPEAK comparator (U3) monitors current flow through the power SW from SW to
GND. When the current at SW (ISW) exceeds the threshold defined by the voltage of the I_PEAK pin (IPEAK), the
power SW turns OFF.
After the power SW turns OFF, the spike voltage occurs immediately because of leakage inductance at the
primary side. It might cause the power SW to break. To avoid this, the leakage inductance should be reduced as
much as possible.
When the power SW is OFF, the magnetic energy in the transformer starts discharging from the primary side to
the secondary side. During this discharge, the VZERO comparator (U2) monitors the kickback voltage at the
primary side to compare it with the VBAT voltage. The kickback voltage increases rapidly until the diode placed
at secondary side turns ON. The diode turns ON when the voltage of secondary side of the transformer reaches
more than the voltage of the output capacitor. After the diode turns ON, the kickback voltage is almost stable
until the magnetic energy at the primary side discharges completely.
After the discharge stops, the small amount of energy left in the transformer is released via parasitic paths, and
the kickback voltage reaches almost zero voltage. During this period, U2 makes the power SW turn ON when
(VSW – VBAT) drops from VZERO.
The VFULL comparator (U1) also monitors the kickback voltage. When VSW – VBAT exceeds VFULL, the TPS65573
stops the charging operation. After detection, XFULL goes to low level to indicate charge completion. After
charge completion, the TPS65573 immediately goes into disable mode with the internal ENA automatically
turning to a low level. The purpose is to save the consumption power.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS65573



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com