Electronic Components Datasheet Search
  English  ▼

X  

TPS73701DCQ Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73701DCQ
Description  1A Low-Dropout Regulator with Reverse Current Protection
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS73701DCQ Datasheet(HTML) 5 Page - Texas Instruments

  TPS73701DCQ Datasheet HTML 1Page - Texas Instruments TPS73701DCQ Datasheet HTML 2Page - Texas Instruments TPS73701DCQ Datasheet HTML 3Page - Texas Instruments TPS73701DCQ Datasheet HTML 4Page - Texas Instruments TPS73701DCQ Datasheet HTML 5Page - Texas Instruments TPS73701DCQ Datasheet HTML 6Page - Texas Instruments TPS73701DCQ Datasheet HTML 7Page - Texas Instruments TPS73701DCQ Datasheet HTML 8Page - Texas Instruments TPS73701DCQ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
PIN CONFIGURATIONS
IN
N/C
N/C
EN
8
7
6
5
OUT
N/C
NR/FB
GND
1
2
3
4
1
2
3
4
5
IN
OUT
GND
NR/FB
EN
TABISGND
6
TPS737xx
www.ti.com.................................................................................................................................................... SBVS067I – JANUARY 2006 – REVISED MARCH 2009
DCQ PACKAGE
DRB PACKAGE
SOT223-6
3mm x 3mm SON
(TOP VIEW)
(TOP VIEW)
Table 1. Pin Descriptions
SOT223
3×3 SON
PIN
(DCQ)
(DRB)
NAME
PIN NO.
PIN NO.
DESCRIPTION
IN
1
8
Unregulated input supply
GND
3, 6
4, Pad
Ground
Driving the enable pin (EN) high turns on the regulator. Driving this pin low puts the regulator into
EN
5
5
shutdown mode. Refer to the Shutdown section under Applications Information for more details. EN
must not be left floating and can be connected to IN if not used.
Fixed voltage versions only—connecting an external capacitor to this pin bypasses noise generated
NR
4
3
by the internal bandgap, reducing output noise to very low levels.
Adjustable voltage version only—this is the input to the control loop error amplifier, and is used to set
FB
4
3
the output voltage of the device.
OUT
2
1
Regulator output. A 1.0
µF or larger capacitor of any type is required for stability.
NC
—
2, 6, 7
Not connected
Copyright © 2006–2009, Texas Instruments Incorporated
Submit Documentation Feedback
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com