Electronic Components Datasheet Search
  English  ▼

X  

TPS73701DCQ Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73701DCQ
Description  1A Low-Dropout Regulator with Reverse Current Protection
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS73701DCQ Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS73701DCQ Datasheet HTML 10Page - Texas Instruments TPS73701DCQ Datasheet HTML 11Page - Texas Instruments TPS73701DCQ Datasheet HTML 12Page - Texas Instruments TPS73701DCQ Datasheet HTML 13Page - Texas Instruments TPS73701DCQ Datasheet HTML 14Page - Texas Instruments TPS73701DCQ Datasheet HTML 15Page - Texas Instruments TPS73701DCQ Datasheet HTML 16Page - Texas Instruments TPS73701DCQ Datasheet HTML 17Page - Texas Instruments TPS73701DCQ Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
TPS73701DCQ
ACTIVE
SOT-223
DCQ
6
78
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
TPS73701DCQG4
ACTIVE
SOT-223
DCQ
6
78
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
TPS73701DCQR
ACTIVE
SOT-223
DCQ
6
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
TPS73701DCQRG4
ACTIVE
SOT-223
DCQ
6
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
TPS73701DRBR
ACTIVE
SON
DRB
8
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
TPS73701DRBRG4
ACTIVE
SON
DRB
8
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
TPS73701DRBT
ACTIVE
SON
DRB
8
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
TPS73701DRBTG4
ACTIVE
SON
DRB
8
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
TPS73718DCQ
ACTIVE
SOT-223
DCQ
6
78
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
TPS73718DCQG4
ACTIVE
SOT-223
DCQ
6
78
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
TPS73718DCQR
ACTIVE
SOT-223
DCQ
6
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
TPS73718DCQRG4
ACTIVE
SOT-223
DCQ
6
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
TPS73725DCQ
ACTIVE
SOT-223
DCQ
6
78
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
TPS73725DCQG4
ACTIVE
SOT-223
DCQ
6
78
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
TPS73725DCQR
ACTIVE
SOT-223
DCQ
6
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
TPS73725DCQRG4
ACTIVE
SOT-223
DCQ
6
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
TPS73730DRBR
ACTIVE
SON
DRB
8
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
TPS73730DRBT
ACTIVE
SON
DRB
8
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
TPS73733DCQ
ACTIVE
SOT-223
DCQ
6
78
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
TPS73733DCQG4
ACTIVE
SOT-223
DCQ
6
78
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
TPS73733DCQR
ACTIVE
SOT-223
DCQ
6
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
TPS73733DCQRG4
ACTIVE
SOT-223
DCQ
6
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
TPS73734DCQ
ACTIVE
SOT-223
DCQ
6
78
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
TPS73734DCQR
ACTIVE
SOT-223
DCQ
6
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
(1) The marketing status values are defined as follows:
PACKAGE OPTION ADDENDUM
www.ti.com
8-Jun-2009
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com