Electronic Components Datasheet Search
  English  ▼

X  

SE97PW Datasheet(PDF) 34 Page - NXP Semiconductors

Part # SE97PW
Description  DDR memory module temp sensor with integrated SPD, 3.3 V
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE97PW Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button SE97PW Datasheet HTML 30Page - NXP Semiconductors SE97PW Datasheet HTML 31Page - NXP Semiconductors SE97PW Datasheet HTML 32Page - NXP Semiconductors SE97PW Datasheet HTML 33Page - NXP Semiconductors SE97PW Datasheet HTML 34Page - NXP Semiconductors SE97PW Datasheet HTML 35Page - NXP Semiconductors SE97PW Datasheet HTML 36Page - NXP Semiconductors SE97PW Datasheet HTML 37Page - NXP Semiconductors SE97PW Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 54 page
background image
SE97_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 6 August 2009
34 of 54
NXP Semiconductors
SE97
DDR memory module temp sensor with integrated SPD, 3.3 V
9.
Application design-in information
In a typical application, the SE97 behaves as a slave device and interfaces to a bus
master (or host) via the SCL and SDA lines. The EVENT output is monitored by the host,
and asserts when the temperature reading exceeds the programmed values in the alarm
registers. The A0, A1 and A2 pins are directly connected to VDD or VSS without any pull-up
resistors. The SDA and SCL serial interface pins are open-drain I/Os that require pull-up
resistors, and are able to sink a maximum of 3 mA with a voltage drop less than 0.4 V.
Typical pull-up values for SCL and SDA are 10 k
Ω, but the resistor values can be changed
in order to meet the rise time requirement if the capacitance load is too large due to
routing, connectors, or multiple components sharing the same bus.
Fig 22. Typical application showing SE97 interfacing with 3.3 V host
002aab354
HOST
CONTROLLER
SE97
A0
A1
A2
SCL
SDA
EVENT
VDD
10 k
Ω
(3
×)
VSS
slave
master
3.3 V
Fig 23. SE97 interfacing with 1.1 V host controller
002aad262
HOST
CONTROLLER
SE97
A0
A1
A2
SCL
SDA
EVENT
VDD
10 k
Ω
VSS
3.3 V
0.1
µF
10 k
Ω
PCA9509
mother board
0.1
µF
VCC(B)
B2
B1
EN
VCC(A)
A2
A1
10 k
Ω
10 k
Ω
SCL
SDA
EVENT
0.1
µF
1.1 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com