Electronic Components Datasheet Search
  English  ▼

X  

SE97PW Datasheet(PDF) 51 Page - NXP Semiconductors

Part # SE97PW
Description  DDR memory module temp sensor with integrated SPD, 3.3 V
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE97PW Datasheet(HTML) 51 Page - NXP Semiconductors

Back Button SE97PW Datasheet HTML 46Page - NXP Semiconductors SE97PW Datasheet HTML 47Page - NXP Semiconductors SE97PW Datasheet HTML 48Page - NXP Semiconductors SE97PW Datasheet HTML 49Page - NXP Semiconductors SE97PW Datasheet HTML 50Page - NXP Semiconductors SE97PW Datasheet HTML 51Page - NXP Semiconductors SE97PW Datasheet HTML 52Page - NXP Semiconductors SE97PW Datasheet HTML 53Page - NXP Semiconductors SE97PW Datasheet HTML 54Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 51 / 54 page
background image
SE97_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 6 August 2009
51 of 54
NXP Semiconductors
SE97
DDR memory module temp sensor with integrated SPD, 3.3 V
15. Revision history
RDIMM
Registered Dual In-line Memory Module
SMBus
System Management Bus
SO-DIMM
Small Outline Dual In-line Memory Module
SPD
Serial Presence Detect
Table 33.
Abbreviations …continued
Acronym
Description
Table 34.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
SE97_5
20090806
Product data sheet
-
SE97_4
Modifications:
• Section 1 “General description”, 7th paragraph: deleted 5th sentence
• Section 2.1 “General features”:
– 1st bullet item: changed from “SO-DIMM” to “TSE 2002B3 DIMM
± 0.5 °C (typ.) between 75 °C
and 95
°C”
– 3rd bullet item: changed from “3.0
µA (max.)” to “5.0 µA (max.)”
– 8th bullet item: appended “(JEDEC PSON8 VCED-3)”
• Table 1 “Ordering information”, Table note [2] re-written
• Section 7.3.2.1 “Alarm window”:
– 1st Advisory notification, Competitor device: appended “(CEVNT)” to end of phrase
– 1st Advisory notification, Work-around: appended “(CEVNT)” to end of phrase
– 2nd Advisory notification, Competitor devices: changed from “... when new UPPER or LOWER
and Event bit 3 (EOCTL) are set ... “ to “when new UPPER or LOWER Alarm Windows and the
EVENT output are set ...”
– 2nd Advisory notification, Work-around: appended “(EOCTL = 1)” to end of phrase
• Section 7.3.2.2 “Critical trip”
– 1st paragraph, last sentence: changed from “... through the Clear EVENT bit ...”
to “... through the Clear EVENT bit (CEVNT) ...
– Advisory notification, Competitor devices: re-written
– Advisory notification, Work-around: changed from “Wait at least 125 ms before enabling EVENT
output, Intel will change Nehalem BIOS so that Tth(crit) is set for more than 125 ms before Event
bit 3 (EOCTL) is enabled and Event value is checked.” to “Wait at least 125 ms before enabling
EVENT output (EOCTL = 1), Intel will change Nehalem BIOS so that Tth(crit) is set for more than
125 ms before EVENT output is enabled and Event value is checked.
• Section 7.7 “SMBus time-out”:
– 1st paragraph, 2nd sentence changed from “... holds SCL LOW more than 35 ms” to “... holds
SCL LOW between 25 ns and 35 ns”
– added 2nd “Remark”
• Section 7.8 “SMBus Alert Response Address (ARA)”: added 2nd “Remark”
• Table 12 “Configuration register (address 01h) bit description”, bit 8, SHMD: added “Remark” and
3 bullet items
• Table 29 “DC characteristics”:
– IDD(AV): removed condition “VDD = 3.0 V to 3.6 V”
– IDD(AV): removed sub-row with condition “VDD = 1.7 V”
– Isd(VDD): changed Max value from “3 µA” to “5.0 µA”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com