Electronic Components Datasheet Search
  English  ▼

X  

SSL3250A Datasheet(PDF) 19 Page - NXP Semiconductors

Part # SSL3250A
Description  Photo flash dual LED driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL3250A Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button SSL3250A Datasheet HTML 15Page - NXP Semiconductors SSL3250A Datasheet HTML 16Page - NXP Semiconductors SSL3250A Datasheet HTML 17Page - NXP Semiconductors SSL3250A Datasheet HTML 18Page - NXP Semiconductors SSL3250A Datasheet HTML 19Page - NXP Semiconductors SSL3250A Datasheet HTML 20Page - NXP Semiconductors SSL3250A Datasheet HTML 21Page - NXP Semiconductors SSL3250A Datasheet HTML 22Page - NXP Semiconductors SSL3250A Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
SSL3250A_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 30 June 2009
19 of 26
NXP Semiconductors
SSL3250A
Photo flash dual LED driver
If the SSL3250A is used in Direct enable mode and external resistors are used, place the
external resistors near the SSL3250A, to minimize disturbance on the output current.
Connect the other end of the resistors to a ‘clean’ ground, that is ground that is not
carrying any large currents. It is preferable to connect all resistor grounds to one trace and
connect that trace to the GND pin of the SSL3250A.
The preferred minimum trace width for the high current width is 15 mil per Ampere.
10. Limiting values
[1]
Tolerant to the specified maximum voltage while operating. Do not apply voltages externally; this may cause
permanent damage to the device.
[2]
Equivalent to discharging a 200 pF capacitor through a 0.75
µH coil and a 10 Ω resistor.
[3]
Equivalent to discharging the device (charged with > 10 M
Ω resistor) through a 1 Ω measurement resistor.
Table 7.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).Voltages referenced to GND.
Symbol
Parameter
Conditions
Min
Max
Unit
VI
input voltage
−0.5
+5.5
V
VACT
voltage on pin ACT
−0.5
VI
V
VSDA
voltage on pin SDA
−0.5
VI
V
VEN1
voltage on pin EN1
−0.5
VI
V
VSCL
voltage on pin SCL
−0.5
VI
V
VEN2
voltage on pin EN2
−0.5
VI
V
VSTRB
voltage on pin STRB
−0.5
VI
V
VIF_SEL
voltage on pin IF_SEL
−0.5
VI
V
VINT
voltage on pin INT
−0.5
VI
V
VI_IND
voltage on pin I_IND
−0.5
VI
V
VLED
voltage on pin LED
−0.5
VO[1]
V
VO
output voltage
−0.5
+20[1]
V
VLX
voltage on pin LX
−0.5
+20[1]
V
VR_IND
voltage on pin R_IND
−0.5
VI
V
VR_TR
voltage on pin R_TR
−0.5
VI
V
VR_FL
voltage on pin R_FL
−0.5
VI
V
VPGND
voltage on pin PGND
−0.5
+0.5
V
Ptot
total power dissipation
Tamb =85 °C
-
1.0
W
Tj
junction temperature
−40
+150
°C
Tamb
ambient temperature
−40
+85
°C
Tstg
storage temperature
−40
+150
°C
VESD
electrostatic discharge
voltage
class 2
human body model;
all pins
[2] -
2000
V
machine model;
all pins
[2] -
150
V
charged-device
model; all pins
[3] -
500
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com