Electronic Components Datasheet Search
  English  ▼

X  

SSL3250A Datasheet(PDF) 20 Page - NXP Semiconductors

Part # SSL3250A
Description  Photo flash dual LED driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL3250A Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button SSL3250A Datasheet HTML 16Page - NXP Semiconductors SSL3250A Datasheet HTML 17Page - NXP Semiconductors SSL3250A Datasheet HTML 18Page - NXP Semiconductors SSL3250A Datasheet HTML 19Page - NXP Semiconductors SSL3250A Datasheet HTML 20Page - NXP Semiconductors SSL3250A Datasheet HTML 21Page - NXP Semiconductors SSL3250A Datasheet HTML 22Page - NXP Semiconductors SSL3250A Datasheet HTML 23Page - NXP Semiconductors SSL3250A Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
SSL3250A_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 30 June 2009
20 of 26
NXP Semiconductors
SSL3250A
Photo flash dual LED driver
11. Thermal characteristics
[1]
The junction to ambient thermal resistance is dependent on the board layout, PCB material application, and environmental conditions.
12. Characteristics
Table 8.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-a)
thermal resistance from junction to ambient
Based on modeling on a four layer
board in free air and five thermal vias
under the IC.[1]
63
K/W
Table 9.
Characteristics
VI = 3.0 V to 5.5 V; Tamb = −40 °C to +85 °C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
General voltage levels
VI
input voltage
on pin VIN
3.0
-
5.5
V
VI(extnd)(VIN)
extended input voltage on pin VIN
[2] 2.75
-
5.5
V
VI(UVLO)
undervoltage lockout input voltage
VI falling
2.55
2.65
2.8
V
Vhys(UVLO)
undervoltage lockout hysteresis
voltage
VI rising
50
100
150
mV
General current levels
Isd
shutdown current
Shut-down mode; ACT = 0
-
-
1
µA
Ileak(LX)
leakage current on pin LX
ACT = 0
-
-
0.5
µA
Ilmtr(IM)(LX)
peak current limiter current on
pin LX
Inductor peak current limiter
-
2.2
2.4
A
Output voltages on external resistor pins
VR_IND
voltage on pin R_IND
Independent of load
[3] 1.17
1.22
1.27
V
VR_TR
voltage on pin R_TR
Independent of load
[3] 1.17
1.22
1.27
V
VR_FL
voltage on pin R_FL
Independent of load
[3] 1.17
1.22
1.27
V
Allowed input voltages on external resistor pins
VR_IND
voltage on pin R_IND
[3] 1.4
-
VI
V
VR_TR
voltage on pin R_TR
[3] 1.4
-
VI
V
VR_FL
voltage on pin R_FL
[3] 1.4
-
VI
V
External resistors
Rext(R_IND)
external resistance on pin R_IND
IF_SEL = 1; Resistors used
[3][4]
[5]
25
-
165
k
Ω
Rext(R_TR)
external resistance on pin R_TR
IF_SEL = 1; Resistors used
[3][4]
[5]
25
-
200
k
Ω
Rext(R_FL)
external resistance on pin R_FL
IF_SEL = 1 or 0;
Resistors used
[3][4]
[5]
50
-
357
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com