Electronic Components Datasheet Search
  English  ▼

X  

SE97TL Datasheet(PDF) 36 Page - NXP Semiconductors

Part # SE97TL
Description  DDR memory module temp sensor with integrated SPD, 3.3 V
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE97TL Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button SE97TL Datasheet HTML 32Page - NXP Semiconductors SE97TL Datasheet HTML 33Page - NXP Semiconductors SE97TL Datasheet HTML 34Page - NXP Semiconductors SE97TL Datasheet HTML 35Page - NXP Semiconductors SE97TL Datasheet HTML 36Page - NXP Semiconductors SE97TL Datasheet HTML 37Page - NXP Semiconductors SE97TL Datasheet HTML 38Page - NXP Semiconductors SE97TL Datasheet HTML 39Page - NXP Semiconductors SE97TL Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 54 page
background image
SE97_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 6 August 2009
36 of 54
NXP Semiconductors
SE97
DDR memory module temp sensor with integrated SPD, 3.3 V
VOL(SDA) = LOW-level output voltage on pin SDA
VOL(EVENT) = LOW-level output voltage on pin EVENT
IOL(sink)(SDA) = SDA output current LOW
IOL(sink)EVENT = EVENT output current LOW
Calculation example:
Tamb (typical temperature inside the notebook) = 50 °C
IDD(AV) = 400 µA
VDD = 3.6 V
Maximum VOL(SDA) = 0.4 V
IOL(sink)(SDA) = 1 mA
VOL(EVENT) = 0.4 V
IOL(sink)EVENT = 3 mA
Rth(j-a) of HVSON8 = 56 °C/W
Rth(j-a) of TSSOP8 = 160 °C/W
Self heating due to power dissipation for HVSON8 is:
(2)
Self heating due to power dissipation for TSSOP8 is:
(3)
10. Limiting values
∆T
56
3.6
0.4
×
()
0.4
3
×
()
0.4
1
×
()
++
[]
×
56
°C W 3.04 mW
0.17
°C
=
×
⁄
=
=
∆T
160
3.6
0.4
×
()
0.4
3
×
()
0.4
1
×
()
++
[] 160 °C W 3.04 mV
×
⁄
0.49
°C
==
×
=
Table 27.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
−0.3
+4.2
V
Vn
voltage on any other pin
SDA, SCL, EVENT pins
−0.3
+4.2
V
VA0
voltage on pin A0
overvoltage input; A0 pin
−0.3
+12.5
V
Isink
sink current
at SDA, SCL, EVENT pins
−1
+50.0
mA
Tj(max)
maximum junction temperature
-
150
°C
Tstg
storage temperature
−65
+165
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com