Electronic Components Datasheet Search
  English  ▼

X  

ATP102 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # ATP102
Description  General-Purpose Switching Device Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ATP102 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  ATP102 Datasheet HTML 1Page - Sanyo Semicon Device ATP102 Datasheet HTML 2Page - Sanyo Semicon Device ATP102 Datasheet HTML 3Page - Sanyo Semicon Device ATP102 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ATP102
No. A1479-2/4
Continued from preceding page.
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Cutoff Voltage
VGS(off)
VDS=--10V, ID=--1mA
--1.2
--2.6
V
Forward Transfer Admittance
| yfs |
VDS=--10V, ID=--20A
29
S
Static Drain-to-Source On-State Resistance
RDS(on)1
ID=--20A, VGS=--10V
14
18.5
mΩ
RDS(on)2
ID=--10A, VGS=--4.5V
22
31
mΩ
Input Capacitance
Ciss
VDS=--10V, f=1MHz
1490
pF
Output Capacitance
Coss
VDS=--10V, f=1MHz
360
pF
Reverse Transfer Capacitance
Crss
VDS=--10V, f=1MHz
270
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit.
11
ns
Rise Time
tr
See specified Test Circuit.
135
ns
Turn-OFF Delay Time
td(off)
See specified Test Circuit.
135
ns
Fall Time
tf
See specified Test Circuit.
185
ns
Total Gate Charge
Qg
VDS=--15V, VGS=--10V, ID=--40A
34
nC
Gate-to-Source Charge
Qgs
VDS=--15V, VGS=--10V, ID=--40A
4.2
nC
Gate-to-Drain “Miller” Charge
Qgd
VDS=--15V, VGS=--10V, ID=--40A
11.5
nC
Diode Forward Voltage
VSD
IS=--40A, VGS=0V
--0.99
--1.5
V
Package Dimensions
unit : mm (typ)
7057-001
Switching Time Test Circuit
1 : Gate
2 : Drain
3 : Source
4 : Drain
SANYO : ATPAK
0.4
0.55
13
2
6.5
0.6
4
0.8
1.5
0.4
2.6
4.6
0.4
2.3
2.3
PW=10μs
D.C.≤1%
P.G
50Ω
G
S
D
ID= --20A
RL=0.75Ω
VDD= --15V
VOUT
VIN
0V
--10V
VIN
ATP102



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com